Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAVCML Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAVCML
Description  Surface Mount TO8 Voltage Controlled Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAVCML Datasheet(HTML) 2 Page - Tyco Electronics

  MAVCML Datasheet HTML 1Page - Tyco Electronics MAVCML Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount TO8 Voltage Controlled Oscillators
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
V2
MAVCMLSeries
Electrical Performance
(Applies over the output frequency range @ +25 °C, output load impedance of 50 ohms. Unless
otherwise stated limits & conditions are indicated values.)
MAVCML0035 Phase Noise SMT08 VCO
VCO Part No.
Frequency
Tuning
Voltage
Phase Noise
Power
Harmonics
Temp Range
Power Supply
GHz
+25 °C (dBc/Hz)
dBm (min)
dBc (max)
(Operating)
V & mA
MAVCML0027
0.60-0.86
1V - 13V
-113@ 100 KHz
+3.5+/-3.5
-15
-35 to +85 °C
+5V
18mA
MAVCML0032
2.85-4.35
0V - 15V
-100 @ 100 KHz
+10+/-2.0
-10
-40 to +85 °C
+15V
125mA
MAVCML0033
3.02-4.41
4V - 11V
-98@ 100 KHz
+12+/-1.0
-13
-40 to +85 °C
+15V
120mA
MAVCML0035
4.23-4.37
1V-7V
-100 @ 100 KHz
+15+/-2.5
-25
-55 to +75 °C
+10V
130mA
MAVCML0036
4.51-5.74
1V - 13V
-98 @ 100 KHz
+12.5+/-1.5
-15
-35 to +85 °C
+5V
100mA
MAVCML0035 Phase Noise, Carrier = 4.3 GHz
-150.00
-140.00
-130.00
-120.00
-110.00
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
10000.00
100000.00
1000000.00
Offset Frequency Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com