Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAVCML0033 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAVCML0033
Description  Surface Mount TO8 Voltage Controlled Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAVCML0033 Datasheet(HTML) 1 Page - Tyco Electronics

  MAVCML0033 Datasheet HTML 1Page - Tyco Electronics MAVCML0033 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount TO8 Voltage Controlled Oscillators
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
V2
MAVCMLSeries
Features
• Extremely Linear Tuning
• High Tuning Speed
• Low Phase Noise
• Surface Mount PCB
• Hermetically Sealed
• Suitable for High Reliability Applications
• Custom Designs Available
Primary Applications
• Radar Receivers
• Communications Systems
• Countermeasure Systems
• Satellite Systems
VCOs have a wide variety of applications where very
fast tuning speeds are required. This feature along
with our superior output power flatness performance
is critical for requirements in radar receivers or for
rapid generation of jamming signals in ECM
transmitters. When high frequency stability is
required for radar, communications synthesizers or
frequency
converters,
these
VCOs
may
be
integrated into phase lock loop circuitry. Low phase
noise performance of the VCO, with our highly linear
tuning, simplifies loop filter design and enables the
designer
to
achieve
superior
synthesizer
performance. These VCOs can be qualified for high
reliability
and
military
requirements.
The
accompanying table is an example of our standard
VCO designs. A wide range of custom designs are
also available with output frequencies to 6 GHz.
Please contact the factory to discuss your
requirements.
Description
These designs utilize silicon bipolar devices as the
negative resistance generator. The frequency of
operation is determined by a varactor diode that
serves as a voltage variable capacitor. Silicon
hyperabrupt varactors offer the lowest phase noise
performance. Careful selection of the varactor
diodes
manufactured
in-house
provide
linear
monotonic tuning characteristics requiring only
simple external driver circuits.
This range of VCOs is constructed using discrete
chip device integrated onto a conventional alumina
substrate or on a Glass Microwave Integrated Circuit
(GMICTM). This is packaged into standard outline
TO-8
SMT
packages.
These
packages
are
hermetically
sealed
using
resistance
weld
techniques. This compact rugged construction
allows for simple installation on either through hole
or surface mount PCB, and finds a wide range of
applications in demanding military, hi-rel and
commercial systems.
All dimensions are in mm. +/- 0.1
Standard finish : Gold Plate.


Similar Part No. - MAVCML0033

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVC-010000-000045 MA-COM-MAVC-010000-000045 Datasheet
87Kb / 2P
VCO, SMT
MAVC-010000-000045 MA-COM-MAVC-010000-000045 Datasheet
87Kb / 2P
VCO, SMT
MAVC-010000-000045 MA-COM-MAVC-010000-000045_15 Datasheet
87Kb / 2P
VCO, SMT
MAVC-010000-000080 MA-COM-MAVC-010000-000080 Datasheet
87Kb / 2P
VCO, SMT
MAVC-010000-000080 MA-COM-MAVC-010000-000080 Datasheet
92Kb / 2P
VCO, SMT
More results

Similar Description - MAVCML0033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
Surface Mount Oven Controlled Crystal Oscillators
logo
MTRONPTI
MTCVO11 MTRONPTI-MTCVO11 Datasheet
62Kb / 1P
Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
logo
Mini-Circuits
ROS-2500 MINI-ROS-2500 Datasheet
75Kb / 1P
Surface Mount Voltage Controlled Oscillators
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
Surface Mount Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com