Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW90-0004ATR Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW90-0004ATR
Description  GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0004ATR Datasheet(HTML) 3 Page - Tyco Electronics

  SW90-0004ATR Datasheet HTML 1Page - Tyco Electronics SW90-0004ATR Datasheet HTML 2Page - Tyco Electronics SW90-0004ATR Datasheet HTML 3Page - Tyco Electronics SW90-0004ATR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SP6T Switch, Absorptive, Single Supply
DC - 4.0 GHz
SW90-0004A
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
3
Typical Performance Curves
Isolation (dB) vs. Frequency
Insertion Loss vs. Frequency
On VSWR vs. Frequency
VSWR (Terminations) vs. Frequency
0
15
30
45
60
75
90
0
1000
2000
3000
4000
Frequency (MHz)
RFn- RFm, RFC- RFn
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
2000
3000
4000
Frequency (MHz)
+ 8 5 °C
- 4 0 °C
+ 2 5 °C
1.00
1.20
1.40
1.60
1.80
2.00
0
1000
2000
3000
4000
Frequency (MHz)
RFO UT
RFC
1.00
1.20
1.40
1.60
1.80
2.00
0
1000
2000
3000
4000
F re que nc y ( M H z)
R F O U T
IP3 Results
10
15
20
25
30
35
40
45
0
500
1000
1500
2000
Frequency
10.All testing done with the second tone 5 MHz above the
frequency on the plot, except for the 10 MHz point, where the
second tone is at 11 MHz. Both tones are +5 dBm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com