Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-110-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-110-PIN
Description  GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-110-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-110-PIN Datasheet HTML 1Page - Tyco Electronics SW-110-PIN Datasheet HTML 2Page - Tyco Electronics SW-110-PIN Datasheet HTML 3Page - Tyco Electronics SW-110-PIN Datasheet HTML 4Page - Tyco Electronics SW-110-PIN Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
! "#
$ %
& ' ' #
(
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
) *
*
!
" # $ %&'
()
%)
*
+
,
-
.
#,
. /
9
6
>
' 1 =?@
>
0 ' =?@
>
* ' =?@
>
( ' =?@
3
3
3
3
E
E
E
E
E
E
E
E
' )
' .
' -
0 0
>
' 1 =?@
>
0 ' =?@
>
* ' =?@
>
( ' =?@
3
3
3
3
/'
(1
*/
0&
E
E
E
E
E
E
E
E
27< 9
>
' 1 =?@
>
0 ' =?@
>
* ' =?@
>
( ' =?@
9
9
9
9
E
E
E
E
E
E
E
E
0 *%0
0 /%0
0 /%0
0 1%0
$
!$
$
!$
$
E
E
E
7
7
2
E
E
E
0*
(1
('
E
E
E
0 3
' - =?@
' - =?@
' - =?@
' - =?@
3
3
3
3
E
E
E
E
5(* 1
5(* 1
5(* 1
5(- 1
E
E
E
E
4(
' - =?@
' - =?@
3
3
E
E
5)0
5)1
E
E
2
2
E
E
2
2
/ 1
& '
1 '
E
1 1
1 '
E
E
E
0 '
E
E
E
0 '
#
E
E
E
0'F
-'F
0 (2
-' 0'F 9+
"
4
!' 0 3! 12
4
!0 ' 3! 12
4
!' 0 3! &2
4
!0 ' 3! &2
+
50'
3
12
&2
2
G / 1
1 12
2
G '
' &2!
2
* 02
2
2
G 1 '
H& '2
2
2
6
' $$6
6
0 $$6
E
E
2
2
' '
* '
E
E
' &
1 '
6
6
'
' &2
E
I
E
E
0 '
6
?
* '
1 '2
E
I
E
E
0 '
0
"
512
2
H1 '2
H& '2
2
!
1'
9+
* +
!
>
9+0
9+* $
>
"
0'
!
9+
( ?
4
0<
+
0< !
"



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com