Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC533DWR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AC533DWR
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC533DWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AC533DWR Datasheet HTML 1Page - Texas Instruments SN74AC533DWR Datasheet HTML 2Page - Texas Instruments SN74AC533DWR Datasheet HTML 3Page - Texas Instruments SN74AC533DWR Datasheet HTML 4Page - Texas Instruments SN74AC533DWR Datasheet HTML 5Page - Texas Instruments SN74AC533DWR Datasheet HTML 6Page - Texas Instruments SN74AC533DWR Datasheet HTML 7Page - Texas Instruments SN74AC533DWR Datasheet HTML 8Page - Texas Instruments SN74AC533DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54AC533, SN74AC533
OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCAS555C − NOVEMBER 1995 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC533
SN74AC533
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
6
8
6.5
ns
tsu
Setup time, data before LE
↓
5.5
7.5
6
ns
th
Hold time, data after LE
↓
1.5
2.5
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54AC533
SN74AC533
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
4.5
6.5
5
ns
tsu
Setup time, data before LE
↓
4
6
4.5
ns
th
Hold time, data after LE
↓
1.5
2.5
1
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC533
SN74AC533
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
2
14
1
17.5
1.5
16
ns
tPHL
D
Q
2
13
1
16
1.5
14.5
ns
tPLH
LE
Q
2
14.5
1
18
1.5
16.5
ns
tPHL
LE
Q
2
13
1
16
1.5
14.5
ns
tPZH
OE
Q
2
12.5
1
15.5
1.5
14
ns
tPZL
OE
Q
2
12.5
1
15.5
1.5
14
ns
tPHZ
OE
Q
2
13
1
16
1.5
14.5
ns
tPLZ
OE
Q
2
13
1
16
1.5
14.5
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
SN54AC533
SN74AC533
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
2
10
1
12.5
1.5
11
ns
tPHL
D
Q
2
9.5
1
12
1.5
10.5
ns
tPLH
LE
Q
2
10.5
1
13
1.5
11.5
ns
tPHL
LE
Q
2
10
1
13
1.5
11
ns
tPZH
OE
Q
2
9.5
1
12
1.5
10.5
ns
tPZL
OE
Q
2
9.5
1
12
1.5
10.5
ns
tPHZ
OE
Q
2
10
1
12.5
1.5
11
ns
tPLZ
OE
Q
2
10
1
12.5
1.5
11
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
40
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com