Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-RJ45 Datasheet(PDF) 1 Page - Festo Corporation.

Part # AK-RJ45
Description  Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

AK-RJ45 Datasheet(HTML) 1 Page - Festo Corporation.

  AK-RJ45 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cover
AK-RJ45
Part number: 534496
General operating condition
Data sheet
Feature
Value
Width
33 mm
Height
8 mm
Length
20 mm
Product weight
10 g
Degree of protection
IP65
IP67
In mounted state
as per IEC 60529
Ambient temperature
-5 °C ... 50 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Corrosion resistance class (CRC)
1 - Low corrosion stress
Material of screws
Steel
Seals material
NBR
Cover material
PA
Relative air humidity
Non-condensing
6/11/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - AK-RJ45

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
AK-1000 COTEK-AK-1000 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
AK-1000-24 COTEK-AK-1000-24 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
AK-1000-27 COTEK-AK-1000-27 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
AK-1000-48 COTEK-AK-1000-48 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
logo
Assmann Electronics Inc...
AK-102031-R ASSMANN-AK-102031-R Datasheet
57Kb / 1P
Audio Y-cable
More results

Similar Description - AK-RJ45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437645-1 MACOM-2-1437645-1 Datasheet
33Kb / 1P
TERMINAL COVER W/COVER MOUNTS
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Schurter Inc.
ASSORTEDCOVERS SCHURTER-ASSORTEDCOVERS Datasheet
231Kb / 2P
Rear Cover
logo
HARTING Technology Grou...
09-20-003-5407 HARTING-09-20-003-5407 Datasheet
450Kb / 2P
Cover grey / No rivet Protection cover
09-30-010-5425 HARTING-09-30-010-5425 Datasheet
463Kb / 2P
Han 10B-Protection Cover Protection cover
logo
Pepperl+Fuchs Inc.
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
logo
Festo Corporation.
549048 FESTO-549048 Datasheet
75Kb / 1P
Cover
8/10/22
549049 FESTO-549049 Datasheet
84Kb / 1P
Cover
8/10/22
logo
TRACO Electronic AG
TXH120-COV TRACOPOWER-TXH120-COV Datasheet
789Kb / 1P
Cover
Rev. November 30, 2022
TXH240-COV TRACOPOWER-TXH240-COV Datasheet
999Kb / 1P
Cover
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com