Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-109 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SWD-109
Description  Single Driver for GaAs FET Switches and Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SWD-109 Datasheet(HTML) 3 Page - Tyco Electronics

  SWD-109 Datasheet HTML 1Page - Tyco Electronics SWD-109 Datasheet HTML 2Page - Tyco Electronics SWD-109 Datasheet HTML 3Page - Tyco Electronics SWD-109 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Single Driver for GaAs FET Switches and Attenuators
SWD-109
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
3
Symbol
Parameter
-55 to +25°C
<+85°C
<+125°C
Unit
TPLH
Propagation Delay
22
25
30
ns
TPHL
Propagation Delay
22
25
30
ns
TTLH
Output Rising Transition Time
9.0
9.0
9.0
ns
TTHL
Output Falling Transition Time
8.0
8.0
8.0
ns
Tskew
Delay Skew, Output A to Output B
4.0
4.0
4.0
ns
CIN
Input Capacitance
10
10
10
pF
CPDC
Power Dissipation Capacitance 4
10
10
10
pF
CPDE
Power Dissipation Capacitance 4
140
140
140
pF
AC Characteristics Over Guaranteed Operating Range 3
3. VCC = 4.5V, VOPT - VEE = min or max, VOPT = 0V, CL = 25 pF, Trise, Tfall = 6ns. These conditions represent the worst case for slow delays.
4. Total Power Dissipation is calculated by the following formula: PD = VCC
2fC PDC + (VOPT-VEE) 2fCPDE
Switching Waveforms
Absolute Maximum Ratings5
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
-0.5
7.0
V
VEE
Negative DC Supply
Voltage
-9.0
0.5
V
VOPT
Optional DC Output Supply
Voltage
-0.5
Vcc +0.5
V
VOPT-VEE
Output to Negative Supply
Voltage Range
-0.5
11.0
V
VCC-VEE
Positive to Negative Supply
Voltage Range
-0.5
14.0
V
VI
DC Input Voltage
-0.5
VCC +0.5
V
II
DC Input Current
-25
25
mA
VO
DC Output Voltage
VEE –
0.5
VOPT
+0.5
V
PD
6
Power Dissipation in Still Air
—
500
mW
VO
DC Output Current
-25
25
mA
TSTG
Storage Temperature
-65
150
°C
5. All voltages are referenced to GND. All inputs and outputs
incorporate latch-up protection structures.
6. Derate -7 mW/°C from 65°C to 85°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com