Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWD-119PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # SWD-119PIN
Description  Quad Driver for GaAs FET Switches and Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SWD-119PIN Datasheet(HTML) 3 Page - Tyco Electronics

  SWD-119PIN Datasheet HTML 1Page - Tyco Electronics SWD-119PIN Datasheet HTML 2Page - Tyco Electronics SWD-119PIN Datasheet HTML 3Page - Tyco Electronics SWD-119PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Quad Driver for GaAs FET Switches and Attenuators
SWD-119
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
3
Symbol
Parameter
-55 to +25°C
<+85°C
<+125°C
Unit
TPLH
Propagation Delay
22
25
30
nS
TPHL
Propagation Delay
22
25
30
nS
TTLH
Output Rising Transition Time
9.0
9.0
9.0
nS
TTHL
Output Falling Transition Time
8.0
8.0
8.0
nS
Tskew
Delay Skew, Output A to Output B
4.0
4.0
4.0
nS
CIN
Input Capacitance
10
10
10
pF
CPDC
Power Dissipation Capacitance 4
10
10
10
pF
CPDE
Power Dissipation Capacitance 4
140
140
140
pF
AC Characteristics Over Guaranteed Operating Range 3
3. VCC = 4.5V, VOPT - VEE = min or max, VOPT = 0V, CL = 25 pF, Trise, Tfall = 6nS. These conditions represent the worst case for slow
delays.
4. Total Power Dissipation is calculated by the following formula: PD = VCC
2fC PDC + (VOPT-VEE) 2fCPDE
Absolute Maximum Ratings5
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC
Supply Voltage
-0.5
7.0
V
VEE
Negative DC
Supply Voltage
-9.0
0.5
V
VOPT
Optional DC
Output Supply
Voltage
-0.5
Vcc +0.5
V
VOPT-VEE
Output to
Negative Supply
Voltage Range
-0.5
9.0
V
VCC-VEE
Positive to Nega-
tive Supply
Voltage Range
-0.5
14.5
V
VI
DC Input
Voltage
-0.5
VCC +0.5
V
II
DC Input Current
-25
25
mA
VO
DC Output
Voltage
VEE –0.5
VOPT +0.5
V
PD
6
Power
Dissipation in
Still Air
—
500
mW
TSTG
Storage
Temperature
-65
150
°C
5.
All voltages are referenced to GND. All inputs and outputs
incorporate latch-up protection structures.
6. Derate -7 mW/°C from 65°C to 85°C.
Switching Waveforms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com