Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP813SRC/F Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP813SRC/F
Description  10mm SOLID STATE LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP813SRC/F Datasheet(HTML) 1 Page - Kingbright Corporation

  WP813SRC/F Datasheet HTML 1Page - Kingbright Corporation WP813SRC/F Datasheet HTML 2Page - Kingbright Corporation WP813SRC/F Datasheet HTML 3Page - Kingbright Corporation WP813SRC/F Datasheet HTML 4Page - Kingbright Corporation WP813SRC/F Datasheet HTML 5Page - Kingbright Corporation WP813SRC/F Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2472
REV NO: V.2
DATE: MAY/10/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101007645-01
10mm SOLID STATE LAMP
Part Number: WP813SRC/F
Super Bright Red
Features
10mm DIAMETER BIG LAMP.
I.C. COMPATIBLE.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP813SRC/F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP813SRC/D KINGBRIGHT-WP813SRC/D Datasheet
258Kb / 6P
10mm SOLID STATE LAMP
WP813SRC/E KINGBRIGHT-WP813SRC/E Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
More results

Similar Description - WP813SRC/F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP813ED KINGBRIGHT-WP813ED Datasheet
259Kb / 6P
10mm SOLID STATE LAMP
WP813GD KINGBRIGHT-WP813GD Datasheet
259Kb / 6P
10mm SOLID STATE LAMP
WP813ID KINGBRIGHT-WP813ID Datasheet
259Kb / 6P
10mm SOLID STATE LAMP
WP813SRD-E KINGBRIGHT-WP813SRD-E Datasheet
258Kb / 6P
10mm SOLID STATE LAMP
WP813SRD-F KINGBRIGHT-WP813SRD-F Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
WP813SRD-G KINGBRIGHT-WP813SRD-G Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
WP813YD KINGBRIGHT-WP813YD Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
logo
SunLED Corporation
LM2CY01W SUNLED-LM2CY01W Datasheet
182Kb / 4P
10mm SOLID STATE LAMP
LUG01D SUNLED-LUG01D Datasheet
183Kb / 4P
10mm SOLID STATE LAMP
logo
Kingbright Corporation
WP813GD KINGBRIGHT-WP813GD_15 Datasheet
314Kb / 6P
10mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com