Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL65LM-90 Datasheet(PDF) 21 Page - SPANSION

Part # MBM29PL65LM-90
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM-90 Datasheet(HTML) 21 Page - SPANSION

Back Button MBM29PL65LM-90 Datasheet HTML 17Page - SPANSION MBM29PL65LM-90 Datasheet HTML 18Page - SPANSION MBM29PL65LM-90 Datasheet HTML 19Page - SPANSION MBM29PL65LM-90 Datasheet HTML 20Page - SPANSION MBM29PL65LM-90 Datasheet HTML 21Page - SPANSION MBM29PL65LM-90 Datasheet HTML 22Page - SPANSION MBM29PL65LM-90 Datasheet HTML 23Page - SPANSION MBM29PL65LM-90 Datasheet HTML 24Page - SPANSION MBM29PL65LM-90 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MBM29PL65LM-90/10
21
starts first occurs within the “tTOW” time-out window the timer is reset. (Monitor DQ3 to determine if the sector
erase timer window is still open, see section DQ3, "Sector Erase Timer".) Any command other than Sector Erase
or Erase Suspend during this time-out period will reset the device to the read mode, ignoring the previous
command string. Resetting the device once execution has begun may corrupt the data in the sector. In that case
restart the erase on those sectors and allow them to complete. Refer to "Write Operation Status" section for
Sector Erase Timer operation. Loading the sector erase buffer may be done in any sequence and with any
number of sectors.
Sector erase does not require the user to program prior to erase. The device automatically programs all memory
locations in the sector(s) to be erased prior to electrical erase (Preprogram function). When erasing a sector or
sectors the remaining unselected sectors are not affected. The system is not required to provide any controls
or timings during these operations.
The system can determine the status of the erase operation by using DQ7 (Data Polling), or DQ6 (Toggle Bit).
The sector erase begins after the “tTOW” time out from the rising edge of CE or WE whichever starts first for the
last sector erase command pulse and terminates when the data on DQ7 is “1” at which time the device returns
to the read mode. See "Write Operation Status" section. Data polling and Toggle Bit must be performed at an
address within any of the sectors being erased.
Multiple Sector Erase Time; [Sector Erase Time + Sector Program Time (Preprogramming)]
× Number of Sector
Erase.
Erase Suspend/Resume Command
The Erase Suspend command allows the user to interrupt Sector Erase operation and then perform read to a
sector not being erased. This command is applicable ONLY during the Sector Erase operation within the time-
out period for Sectore erase.
Writting the Erase Suspend command (B0h) during the Sector Erase time-out results in immediate termination
of the time-out period and suspension of the erase operation.
Writing the Erase Resume command (30h) resumes the erase operation.
When the “Erase Suspend” command is written during the Sector Erase operation, the device takes a maximum
of “tSPD” to suspend the erase operation. When the devices have entered the erase-suspended mode, the RY/
BY output pin will be at High-Z and the DQ7 bit will be at logic “1” and DQ6 will stop toggling. The user must use
the address of the erasing sector for reading DQ6 and DQ7 to determine if the erase operation has been sus-
pended. Further writes of the Erase Suspend command are ignored.
When the erase operation is suspended, the device defaults to the erase-suspend-read mode. Reading data in
this mode is the same as reading from the standard read mode except that the data must be read from sectors
that have not been erase-suspended. Successively reading from the erase-suspended sector while the device
is in the erase-suspend-read mode causes DQ2 to toggle. See the section on DQ2.
To resume the operation of Sector Erase, the Resume command (30h) should be written. Any further writes of
the Resume command at this point is ignored. Another Erase Suspend command is written after the chip resumes
erasing.
Do not issuing program command after entering erase-suspend-read mode.
Fast Mode Set/Reset Command
Fast Mode function dispenses with the initial two unlock cycles required in the standard program command
sequence writing Fast Mode command into the command register. In this mode the required bus cycle for
programming is two cycles instead of four bus cycles in standard program command. The read operation is also
executed after exiting this mode. During the Fast mode, do not write any commands other than the Fast program/
Fast mode reset command. To exit this mode, write Fast Mode Reset command into the command register.
Refer to "Embedded Program Algorithm for Fast Mode". The VCC active current is required even CE = VIH during
Fast Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com