Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL65LM90TN Datasheet(PDF) 22 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 22 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 18Page - SPANSION MBM29PL65LM90TN Datasheet HTML 19Page - SPANSION MBM29PL65LM90TN Datasheet HTML 20Page - SPANSION MBM29PL65LM90TN Datasheet HTML 21Page - SPANSION MBM29PL65LM90TN Datasheet HTML 22Page - SPANSION MBM29PL65LM90TN Datasheet HTML 23Page - SPANSION MBM29PL65LM90TN Datasheet HTML 24Page - SPANSION MBM29PL65LM90TN Datasheet HTML 25Page - SPANSION MBM29PL65LM90TN Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MBM29PL65LM-90/10
22
Fast Programming
During Fast Mode, the programming can be executed with two bus cycles operation. The Embedded Program
Algorithm is executed by writing program set-up command (A0h) and data write cycles (PA/PD). Refer to "Em-
bedded Program Algorithm for Fast Mode".
Extended Sector Group Protection
In addition to normal sector group protection, the device has Extended Sector Group Protection as extended
function. This function enables protection of the sector group by forcing VID on RESET pin and writes a command
sequence. Unlike conventional procedures, it is not necessary to force VID and control timing for control pins.
The only RESET pin requires VID for sector group protection in this mode. The extended sector group protection
requires VID on RESET pin. With this condition, the operation is initiated by writing the set-up command (60h)
into the command register. Then the sector group addresses pins (A21, A20, A19, A18, and A17) and (A6, A3, A2, A1,
A0) = (0, 0, 0, 1, 0) should be set to the sector group to be protected (set VIL for the other addresses pins is
recommended), and write extended sector group protection command (60h). A sector group is typically protected
in 250
µs.
To verify programming of the protection circuitry, the sector group addresses pins (A20, A19, A18, A17, A16, A15, A14,
A13 and A12) and (A6, A3, A2, A1, A0) = (0, 0, 0, 1, 0) should be set and write a command (40h). Following the
command write, a logical “1” at device output DQ0 will produce for protected sector in the read operation. If the
output data is logical “0”, write the extended sector group protection command (60h) again. To terminate the
operation, set RESET pin to VIH. (Refer to the “Extended Sector Group Protection Timing Diagram” in s SWITCH-
ING WAVEFORMS and “Extended Sector Group Protection Algorithm” in s FLOW CHART.)
Query Command (CFI : Common Flash Memory Interface)
To verify programming of the protection circuitry, the sector group addresses pins (A20, A19, A18, A17, A16, A15, A14,
A13 and A12) and (A6, A3, A2, A1, A0) = (0, 0, 0, 1, 0) should be set and write a command (40h). Following the
command write, a logical “1” at device output DQ0 will produce for protected sector in the read operation. If the
output data is logical “0”, write the extended sector group protection command (60h) again. To terminate the
operation, set RESET pin to VIH. (Refer to the “Extended Sector Group Protection Timing Diagram” in s SWITCH-
ING WAVEFORMS and “Extended Sector Group Protection Algorithm” in s FLOW CHART.)
The operation is initiated by writing the query command (98h) into the command register. Following the command
write, a read cycle from specific address retrives device information. Refer to "Common Flash Memory Interface
Code" in s DEVICE BUS OPERATION in detail. Please note that output data of upper byte (DQ15 to DQ8) is “0”
in word mode (16 bit) read. To terminate operation, write the Read/Reset command sequence into the register.
HiddenROM Mode
HiddenROM Region
The HiddenROM (HiddenROM) feature provides a Flash memory region that the system may access through
a new command sequence. This is primarily intended for customers who wish to use an Electronic Serial Number
(ESN) in the device with the ESN protected against modification. Once the HiddenROM region is protected, any
further modification of that region is impossible. This ensures the security of the ESN once the product is shipped
to the field. This device occupies the address of the 000000h to 00007Fh.
After the system writes the HiddenROM Entry command sequence, it may read the HiddenROM region by using
device addresses A6 to A0 (A20 to A7 are all “0”). That is, the device sends only program command that would
normally be sent to the address to the HiddenROM region. This mode of operation continues until the system
issues the Exit HiddenROM command sequence, or until power is removed from the device. On power-up, or
following a hardware reset, the device reverts to sending commands to the address.
If you request Fujitsu to program the ESN in the device, please contact a Fujitsu representative for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com