Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL32TM10PBT Datasheet(PDF) 2 Page - SPANSION

Part # MBM29PL32TM10PBT
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM10PBT Datasheet(HTML) 2 Page - SPANSION

  MBM29PL32TM10PBT Datasheet HTML 1Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 2Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 3Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 4Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 5Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 6Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 7Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 8Page - SPANSION MBM29PL32TM10PBT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
MBM29PL32TM/BM90/10
2
(Continued)
The standard MBM29PL32TM/BM offers access times of 90 ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention the devices have separate chip enable (CE), write enable
(WE), and output enable (OE) controls.
The MBM29PL32TM/BM supports command set compatible with JEDEC single-power-supply EEPROMS stan-
dard. Commands are written into the command register. The register contents serve as input to an internal state-
machine which controls the erase and programming circuitry. Write cycles also internally latch addresses and
data needed for the programming and erase operations. Reading data out of the devices is similar to reading
from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29PL32TM/BM is programmed by executing the program command sequence. This will invoke the
Embedded Program AlgorithmTM which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Erase is accomplished by executing the erase command sequence. This will
invoke the Embedded Erase AlgorithmTM which is an internal algorithm that automatically preprograms the array
if it is not already programmed before executing the erase operation. During erase, the device automatically
times the erase pulse widths and verifies proper cell margin.
The device also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. All sectors are erased when shipped from the factory.
The device features single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6. Once the end of a program or erase cycle has been completed, the devices
internally return to the read mode.
Fujitsu Flash technology combines years of Flash memory manufacturing experience to produce the highest
levels of quality, reliability, and cost effectiveness. The devices electrically erase all bits within a sector simulta-
neously via hot-hole assisted erase. The words are programmed one word at a time using the EPROM program-
ming mechanism of hot electron injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com