Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMJ2 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # HMJ2
Description  High Dynamic Range FET Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ2 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  HMJ2 Datasheet HTML 1Page - WJ Communication. Inc. HMJ2 Datasheet HTML 2Page - WJ Communication. Inc. HMJ2 Datasheet HTML 3Page - WJ Communication. Inc. HMJ2 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-433-5649 • e-mail: sales@wj.com • Web site: www.wj.com
September 2000
HMJ2
Conversion Loss vs. RF Frequency
IIP3 vs. RF Frequency
RF Return Loss vs. RF Frequency
IF Return Loss vs. IF Frequency
LO Return Loss vs. LO Frequency
Isolation vs. LO Frequency
Isolation vs. RF Frequency
RF Frequency (MHz)
1850
1900
1950
1990
50
45
40
35
30
RF Frequency (MHz)
1850
1890
1930
1970
1870
1910
1950
1990
5.0
7.5
10.0
12.5
15.0
IF = 50 MHz
LO Frequency (MHz)
1700
1730
1760
1790
1820
1850
1880
1910
1940
50
40
30
20
10
0
L-I
L-R
RF Frequency (MHz)
1850
1900
1950
1990
30
20
10
0
R-I
1890
1930
1970
1870
1910
1950
RF Frequency (MHz)
1850
1990
0
20
10
15
5
1760
1820
1880
1730
1790
1850
LO Frequency (MHz)
1700
1940
1910
0
20
10
15
5
IF Frequency (MHz)
50
70
90
110
130
150
0
20
15
10
5
IF = 150 MHz
IF = 100 MHz
IF = 50 MHz
IF = 150 MHz
IF = 100 MHz
Performance Charts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com