Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG025-PCB2000 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # VG025-PCB2000
Description  High Linearity Variable Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG025-PCB2000 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  VG025-PCB2000 Datasheet HTML 1Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 2Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 3Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 4Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 5Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 6Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 2 of 7
September 2006
VG025
High Linearity Variable Gain Amplifier
Product Information
The Communications Edge
TM
Application Circuit Configurations
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
The WJ VG025 variable gain amplifier can operate over a very
broad range of frequencies (50 - 2200MHz), but needs specific
matching circuits for specific bands of interest. At the maximum
gain state, reasonable matching is only available for about ±10% of
the reference frequency.
The amplifier operates with a typical
current of 150 mA at +5 V while the attenuator current can be varied
from 0 to 30 mA, while maintaining constant OIP3 and P1dB. The
RF matching of the VG025 for the entire frequency range can be
accomplished with the systematic adjustment of only a few parts.
The RF matching is not influenced by different attenuator drive
methods provided there is adequate decoupling of the attenuator bias.
This reference application circuit uses voltage applied between 0
and 4.5V onto the Vctrl as shown on the schematic above. The R2 is
a current limiting resistor to help linearize the drive of the attenuator
and give better attenuator current control.
To properly design the VG025 for an application, pick the frequency
of interest.
Choose blocking capacitor values which give RF
impedance of less than 3 ohms.
Choose the RF chokes for the
largest inductance while still having resonant frequency about 30%
greater than the Reference frequency (this allows for good isolation
and inductor variation).
Next choose L3 and C9 for interstage
matching. C9 is only needed for lower frequencies and determines
the low frequency roll off of the gain.
L3 will have dominant
control over the input and output return losses at maximum gain
state (0 mA gain control pin current). C2 is needed to resonate the
package parasitics to achieve the maximum attenuation values with
attenuator current. With attenuator control pin current of 26 mA, C2
can be chosen to provide maximum attenuation. See the chart below
for suggested component values and predicted performance at
various
reference
frequencies.
Component
values
can
be
interpolated for reference frequencies not listed.
For lower frequencies the lumped element values can be used and
the layout with unplaced component pads does not greatly affect the
RF performance of the circuit. For frequencies greater than 500
MHz, component size and trace length have more influence on
circuit performance.
Smaller components and shorter trace lengths
reduce the affects of the external component parasitics and
interaction with the multichip module parasitics.
Reference Frequency
MHz
64
127
170
240
800
1850
1960
2140
C1, C5
pF
1000
1000
1000
1000
56
56
56
56
C2
pF
0



27
3.6
3.6
3.6
C3, C4
PF
.01
.01
.01
.01
.01
.01
.01
.01
C6
pF
DNP
DNP
DNP
DNP
DNP
DNP
DNP
DNP
C9
pF
27
8.2
5.6
1.2
DNP
DNP
DNP
DNP
L1, L2
nH
470
220
120
220
22
12
12
12
L3
nH
220
100
68
47
8.2
DNP
DNP
DNP
L4
nH
DNP
DNP
DNP
DNP
82
33
33
33
R1
DNP
DNP
DNP
DNP
DNP
DNP
DNP
DNP
R2
120
120
120
120
120
120
120
120
Attenuation Range
dB
20.8
20.4
19.6
20
21
12
14
13
Maximum Gain
dB
14.9
15.4
14.8
15.4
15
8.6
8.4
8.4
Input Return Loss
dB
14
14.5
14.5
11
6.3
11
12
11
Output Return Loss
dB
10.7
10.7
10
11
7.6
7.7
6.5
5.6
Output P1dB
dBm
21.8
21.5
21.5
21.8
21.3
22
22
22
Output IP3
dBm
40
42
42
42
39
40
40
40
Noise Figure
dB
5.9
5.2
5.4
4.5
5.3
7.9
8.1
8.2
DNP = Do Not Place (Component is not used in the design)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com