Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4953 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # APM4953
Description  -30V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

APM4953 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  APM4953 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED APM4953 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED APM4953 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED APM4953 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED APM4953 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED APM4953 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (T
A=25°C, unless otherwise noted)
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
-
-
-1
uA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
ON CHARACTERISTICS
b
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-1.5
-2.5
V
VGS=-10V, ID=-5.3A
-
38
41
RDS(on)
Drain-Source On-State Resistance
VGS=-4.5V, ID=-3.9A
-
59
75
m
Ω
gFS
Forward Transconductance
VDS=-10V, ID=-5.3A
-
11
-
S
DYNAMIC CHARACTERISTICS
C
Ciss
Input Capacitance
-
504
-
Coss
Output Capacitance
-
68
-
Crss
Reverse Transfer Capacitance
VDS=-15V, VGS=0V, f=1MHz
-
56
-
PF
SWITCHING CHARACTERISTICS
C
Qg
Total Gate Charge
-
12
-
Qgs
Gate-Source Charge
-
2.3
-
Qgd
Gate-Drain Charge
VDS=-15V, ID=-3.6A, VGS=-10V
-
1.4
-
nC
td(on)
Turn-on Delay Time
-
8.1
-
tr
Turn-on Rise Time
-
3.3
-
td(off)
Turn-off Delay Time
-
29.3
-
tf
Turn-off Fall Time
VDD=-15V, RL=5Ω, ID=-3A,
VGEN=-10V, RG=6Ω
-
5.6
-
nS
Drain-Source Diode Characteristics
VSD
Drain-Source Diode Forward Voltage
VGS=0V, IS=-1.9A
-
-
-1.3
V
Note: Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
APM4953
-30V P-Channel MOSFET
APM4953
Rev:2023A2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com