Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WJM1000 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # WJM1000
Description  Based on WJC200 Gen2 RFID reader chipset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJM1000 Datasheet(HTML) 7 Page - WJ Communication. Inc.

  WJM1000 Datasheet HTML 1Page - WJ Communication. Inc. WJM1000 Datasheet HTML 2Page - WJ Communication. Inc. WJM1000 Datasheet HTML 3Page - WJ Communication. Inc. WJM1000 Datasheet HTML 4Page - WJ Communication. Inc. WJM1000 Datasheet HTML 5Page - WJ Communication. Inc. WJM1000 Datasheet HTML 6Page - WJ Communication. Inc. WJM1000 Datasheet HTML 7Page - WJ Communication. Inc. WJM1000 Datasheet HTML 8Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
WJM1000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Interface Timing
Signal Name
Description
Minimum Time (microseconds)
tRESET
RESET pulse width
800
tRESET_UART
Delay between RESET and the start of
TX/RX communications
400
tRESET_FW_UART
Delay between RESET and the start of
new firmware download
3000 (3 ms)
tWJM_EN_UART
Delay between power-on via WJM_EN
and the start of TX/RX communications
3000 (3 ms)
tPD_UART
Delay between return from power-save
state (BL/PD) and the start of TX/RX
communications
400
Output Power Vs Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com