Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7424TR Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7424TR
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7424TR Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7424TR Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7424TR Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-11
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-9.3
A
IDM
Pulsed Drain Current

-47
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
20
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Description
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS
RDS(on) max (mW)
ID
-30V
13.5@VGS = -10V
-11A
22@VGS = -4.5V
-8.8A
Rev:2023A2
1
The SOP-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space.
The package is designed for
vapor phase, infrared, or wave soldering technique
s
P-Channel 30 V (D-S) MOSFET
IRF7424


Similar Part No. - IRF7424TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424TR IRF-IRF7424TR Datasheet
235Kb / 9P
Ultra Low On-Resistance
logo
Guangdong Youtai Semico...
IRF7424TR UMW-IRF7424TR Datasheet
349Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
International Rectifier
IRF7424TRPBF IRF-IRF7424TRPBF Datasheet
127Kb / 9P
HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRF7424TRPBF VBSEMI-IRF7424TRPBF Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRF7424TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com