Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WJM3000 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # WJM3000
Description  Next Generation RFID Reader Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJM3000 Datasheet(HTML) 7 Page - WJ Communication. Inc.

  WJM3000 Datasheet HTML 1Page - WJ Communication. Inc. WJM3000 Datasheet HTML 2Page - WJ Communication. Inc. WJM3000 Datasheet HTML 3Page - WJ Communication. Inc. WJM3000 Datasheet HTML 4Page - WJ Communication. Inc. WJM3000 Datasheet HTML 5Page - WJ Communication. Inc. WJM3000 Datasheet HTML 6Page - WJ Communication. Inc. WJM3000 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Interface Timing Diagrams
Copyright WJ Communications 2007. Subject to change without notice.
All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJM3000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
WJ Communications
www.wj.com
04/03/2007
Signal
Name
Description
Minimum Time
(microseconds)
tRESET
RESET pulse width
800
tRESET_UART
Delay between RESET
and the start of TX/RX
communications
400
tRE-
SET_FW_UART
Delay between RESET
and the start of new
firmware download
3000 (3 ms)
tWJM_EN_UART
Delay between power-
on via WJM_EN and the
start of TX/RX commu-
nications
3000 (3 ms)
tPD_UART
Delay between return
from power-save state
(BL/PD) and the start of
TX/RX communications
400
Interface Timing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com