Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT-2520SE9ZS-RV Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KT-2520SE9ZS-RV
Description  2.5X2.0mm SURFACE MOUNT LED LAMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-2520SE9ZS-RV Datasheet(HTML) 3 Page - Kingbright Corporation

  KT-2520SE9ZS-RV Datasheet HTML 1Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-2520SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAI6629
REV NO: V.3
DATE: OCT/29/2008
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000004
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Part No.
Dice
luminous Intensity [2]
Iv(mcd)@ 350mA
Φv (lm) [2]
@ 350mA
Viewing
Angle [1]
Min.
Typ.
Typ.
2
θ 1/2
KT-2520SE9ZS-RV
Reddish-Orange (AlGaInP)
4700
6500
18
130
°
Electrical / Optical Characteristics at TA = 25°C
Parameter
Symbol
Value
Unit
DC Forward Current [1]
IF
350
mA
Peak Forward Current [2]
IFM
500
mA
Power dissipation
Pt
1.05
W
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +120
°C
Junction temperature[1]
TJ
120
°C
Thermal resistance [1] (Junction/ambient)
Rth j-a
95
°C/W
Thermal resistance [1] (Junction/solder point)
Rth j-s
30
°C/W
8000
V
Electrostatic Discharge Threshold (HBM)
Notes:
1. Results from mounting on PC board FR4, mounted on pc board-metal core PCB is recommend
for lowest thermal resistance.
2. 1/10 Duty Cycle, 0.1ms Pulse Width.
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Value
Unit
Forward Voltage IF = 350mA [Min.]
VF [2]
2.0
V
Forward Voltage IF = 350mA [Typ.]
2.5
Forward Voltage IF = 350mA [Max.]
3.0
Wavelength at peak emission IF = 350mA
[Typ.]
λ peak
628
nm
Dominant Wavelength IF = 350mA
[Typ.]
λ dom [1]
623
nm
Spectral bandwidth at 50%
Φ REL MAX IF = 350mA [Typ.]
Δλ
22
nm
Temperature coefficient of
λ peak
IF = 350mA, - 10
° C ≤ T ≤ 100 ° C [Typ.]
TC λ peak
0.1
nm/°C
Temperature coefficient of
λ dom
IF = 350mA, - 10
° C ≤ T ≤ 100 ° C [Typ.]
TC λ dom
0.08
nm/°C
Temperature coefficient of VF
IF = 350mA, - 10
° C ≤ T≤ 100 ° C [Typ.]
TCV
-3.0
mV/°C
Notes:
1.Wavelength : + / -1nm.
2. Forward Voltage : + / - 0.1V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com