Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT-3228SE9ZS-RV Datasheet(PDF) 4 Page - Kingbright Corporation

Part # KT-3228SE9ZS-RV
Description  3.2x2.8mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3228SE9ZS-RV Datasheet(HTML) 4 Page - Kingbright Corporation

  KT-3228SE9ZS-RV Datasheet HTML 1Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3228SE9ZS-RV Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPEC NO: DSAI6703
REV NO: V.1
DATE: AUG/26/2008
PAGE: 4 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.P.Chen
ERP: 1212000022
3.2x2.8mm SMD LED WITH CERAMIC
SUBSTRATE
JEDEC Moisture Sensitivity:
Floor Life
Soak Requirements
Standard
Accelerated Equivalent1
Time
Conditions
Time (hours)
Conditions
Time (hours)
Conditions
1
Unlimited
≤ 30 °C / 85% RH
168
+ 5 / - 0
85 °C / 85% RH
2
1 year
≤ 30 °C / 60% RH
168
+ 5 / - 0
85 °C / 60% RH
2a
4 weeks
≤ 30 °C / 60% RH
6962
+ 5 / - 0
30 °C / 60% RH
120
+ 1 / - 0
60 °C / 60% RH
3
168 hours
≤ 30 °C / 60% RH
1922
+ 5 / - 0
30 °C / 60% RH
40
+ 1 / - 0
60 °C / 60% RH
4
72 hours
≤ 30 °C / 60% RH
962
+ 2 / - 0
30 °C / 60% RH
20
+ 0.5 / - 0
60 °C / 60% RH
5
48 hours
≤ 30 °C / 60% RH
722
+ 2 / - 0
30 °C / 60% RH
15
+ 0.5 / - 0
60 °C / 60% RH
5a
24 hours
≤ 30 °C / 60% RH
482
+ 2 / - 0
30 °C / 60% RH
10
+ 0.5 / - 0
60 °C / 60% RH
6
Time on Label (TOL)
≤ 30 °C / 60% RH
TOL
30 °C / 60% RH
Level
Level
Floor Life
Soak Requirements
Standard
Accelerated Equivalent
Time
Conditions
Time (hours)
Conditions
Time (hours)
Conditions
2a
4 weeks
≤ 30 °C / 60% RH
6962
+ 5 / - 0
30 °C / 60% RH
120
+ 1 / - 0
60 °C / 60% RH
Moisture Sensitivity Levels
Notes:
1.CAUTION - The ‘‘accelerated equivalent’’ soak requirements shall not be used until correlation of damage response, including electrical, after
soak and reflow is established with the ‘‘standard’’ soak requirements or if the known activation energy for diffusion is 0.4 - 0.48 eV. Accelerated
soak times may vary due to material properties, e.g., mold compound, encapsulant, etc. JEDEC document JESD22-A120 provides a method for
determining the diffusion coefficient.
2.The standard soak time includes a default value of 24 hours for semiconductor manufacturer’s exposure time (MET) between bake and bag and
includes the maximum time allowed out of the bag at the distributor’s facility.
If the actual MET is less than 24 hours the soak time may be reduced. For soak conditions of 30 °C/60% RH the soak time is reduced by one hour
For each hour the MET is less than 24 hours. For soak conditions of 60 °C/60% RH, the soak time is reduced by one hour for each five hours the
MET is less than 24 hours.
If the actual MET is greater than 24 hours the soak time must be increased. If soak conditions are 30 °C/60% RH, the soak time is increased one
Hour for each hour that the actual MET exceeds 24 hours. If soak conditions are 60 °C/60% RH, the soak time is increased one hour for each five
Hours that the actual MET exceeds 24 hours.
3.Supplier may extend the soak times at their own risk.
ESD Protection During Production
Electric static discharge can result when static-sensitive products come in contact with the operator or other conductors.
The following procedures may decrease the possibility of ESD damage:
1.Minimize friction between the product and surroundings to avoid static buildup.
2.All production machinery and test instruments must be electrically grounded.
3.Operators must wear anti-static bracelets.
4.Wear anti-static suit when entering work areas with conductive machinery.
5.Set up ESD protection areas using grounded metal plating for component handling.
6.All workstations that handle IC and ESD-sensitive components must maintain an electrostatic potential of 150V or less.
7.Maintain a humidity level of 50% or higher in production areas.
8.Use anti-static packaging for transport and storage.
9.All anti-static equipment and procedures should be periodically inspected and evaluated for proper functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com