Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIE-LP Datasheet(PDF) 2 Page - Samtec, Inc

Part # PCIE-LP
Description  PCI EXPRESS® EDGE CARD SOCKETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

PCIE-LP Datasheet(HTML) 2 Page - Samtec, Inc

  PCIE-LP Datasheet HTML 1Page - Samtec, Inc PCIE-LP Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCIE
- LP - NUMBEROF
LANES
- 01 - PLATING
OPTION
- DV - A - OPTION - PACKAGING
–01, –04,
–08, –16
–F
= Gold Flash on
contact, Matte
Tin on tail
–S
= 30 µ" (0.75 µm)
Gold on contact,
Matte Tin on tail
–WT
= Weld Tab
–K
= Polyimide film
Pick & Place Pad
(For -16 lanes
only leave blank for
Tray Packaging)
–TR
= Tape & Reel
(“X”R required with
–01, –04, –08 lanes)
–FR
= Full Reel
Tape & Reel
(must order max.
quantity per reel;
contact Samtec for
quantity breaks)
(“X”R required with
–01, –04, –08 lanes)
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
PCIE
- NUMBEROFPOSITIONS - 02 - PLATINGOPTION - D - TAILOPTION
–036, –064, –098, –164
–F
=Gold flash on contact,
Tin on tail
–EMS2
= Edge Mount
–TH
=Through-hole
–RA
=Right-angle
(1.00 mm) .0394" PITCH • PCI EXPRESS
® CARD SOCKETS
View complete specifications at:
samtec.com?PCIE
PCIE-LP
Card Mates:
(1.60 mm)
.062" card
Cable Mates:
PCIEC
POSITIONS
A
–036 (x1)
(25.00) .984
–064 (x4)
(39.00) 1.535
–098 (x8)
(56.00) 2.205
–164 (x16)
(89.00) 3.504
A
(7.80)
.307
(7.98)
.314
(7.50)
.295
PCIE
Card Mates:
(1.60 mm)
.062" card
Cable Mates:
PCIEC
A
(8.61)
.339
(15.40)
.606
(7.30)
.287
(11.05)
.435
(9.45)
.372
A
-RA
-TH
-EMS2
PCI-SIG®, PCI Express® and
the PCIe® design marks are
registered trademarks and/or
service marks of PCI-SIG.
PCIEXPRESS® EDGECARDSOCKETS
NUMBER OF
LANES
A
–01
(26.60) 1.047
–04
(40.60) 1.598
–08
(57.60) 2.268
–16
(90.60) 3.567
View complete specifications at:
samtec.com?PCIE-LP
3.0 & 4.0 SOLUTIONS
F-224
samtec.com/EdgeCard



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com