Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB3032 Datasheet(PDF) 4 Page - Jonard Tools.

Part # KB3032
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB3032 Datasheet(HTML) 4 Page - Jonard Tools.

  KB3032 Datasheet HTML 1Page - Jonard Tools. KB3032 Datasheet HTML 2Page - Jonard Tools. KB3032 Datasheet HTML 3Page - Jonard Tools. KB3032 Datasheet HTML 4Page - Jonard Tools. KB3032 Datasheet HTML 5Page - Jonard Tools. KB3032 Datasheet HTML 6Page - Jonard Tools. KB3032 Datasheet HTML 7Page - Jonard Tools. KB3032 Datasheet HTML 8Page - Jonard Tools. KB3032 Datasheet HTML 9Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
By bending the wire around the sharp corner
of the terminal, the oxide layer on both wire
and terminal is crushed or sheared, and a clean,
oxide-free metal-to-metal contact is obtained.
A “Regular” bit wraps the bare wire around the terminal.
A “Modified” bit wraps a portion of insulation around
the terminal in addition to the bare wire.This
greatly increases the ability to withstand vibration.
Regular
Modified
In.
.010
.015
.020
.025
.030
.035
.040
.045
.050
.055
.060
.065
.070
.075
.080
.085
.090
.095
.100
mm
0.25
0.38
0.51
0.64
0.76
0.89
1.02
1.14
1.27
1.40
1.52
1.65
1.78
1.91
2.03
2.16
2.29
2.41
2.54
.010
.014
.018
.022
.027
.032
.036
.041
.046
.051
.056
.061
.066
.071
.076
.081
.086
.091
.096
.101
0.25
0.36
0.46
0.56
0.69
0.81
0.91
1.04
1.17
1.30
1.42
1.55
1.68
1.80
1.93
2.06
2.18
2.31
2.44
2.57
.015
.018
.021
.025
.029
.033
.038
.043
.047
.052
.057
.062
.067
.072
.077
.082
.087
.092
.097
.102
0.38
0.46
0.53
0.64
0.74
0.84
0.97
1.09
1.19
1.32
1.45
1.58
1.70
1.83
1.96
2.08
2.21
2.34
2.46
2.59
.020
.022
.025
.028
.032
.036
.040
.045
.049
.053
.058
.063
.068
.073
.078
.083
.088
.093
.098
.103
0.51
0.56
0.64
0.71
0.81
0.91
1.02
1.14
1.25
1.35
1.47
1.60
1.73
1.85
1.98
2.11
2.24
2.36
2.49
2.62
.025
.027
.029
.032
.035
.039
.043
.047
.050
.056
.060
.065
.069
.074
.079
.084
.089
.094
.099
.104
0.64
0.69
0.74
0.81
0.89
0.99
1.09
1.19
1.27
1.42
1.52
1.65
1.75
1.88
2.01
2.13
2.26
2.39
2.52
2.64
.030
.032
.033
.036
.039
.042
.046
.050
.054
.058
.062
.067
.071
.076
.080
.085
.090
.095
.100
.105
0.76
0.81
0.84
0.91
0.99
1.07
1.17
1.27
1.37
1.47
1.58
1.70
1.80
1.93
2.03
2.16
2.29
2.41
2.54
2.67
.035
.036
.038
.040
.043
.046
.049
.052
.056
.060
.064
.069
.073
.078
.082
.087
.091
.096
.101
.106
0.89
0.91
0.97
1.02
1.09
1.17
1.25
1.32
1.42
1.52
1.63
1.75
1.85
1.98
2.08
2.21
2.31
2.44
2.57
2.69
.040
.041
.043
.045
.047
.050
.052
.056
.060
.064
.068
.072
.076
.080
.084
.089
.092
.097
.102
.107
1.02
1.04
1.09
1.14
1.19
1.27
1.32
1.42
1.52
1.63
1.73
1.83
1.93
2.03
2.13
2.26
2.34
2.46
2.59
2.72
.045
.046
.047
.049
.050
.054
.056
.060
.063
.067
.071
.074
.078
.083
.087
.091
.096
.101
.105
.109
1.14
1.17
1.19
1.25
1.27
1.37
1.42
1.52
1.60
1.70
1.80
1.88
1.98
2.11
2.21
2.31
2.44
2.57
2.67
2.77
.050
.051
.052
.053
.056
.058
.060
.064
.067
.071
.074
.078
.082
.086
.090
.094
.098
.103
.107
.111
1.27
1.30
1.32
1.35
1.42
1.47
1.52
1.63
1.70
1.80
1.88
1.98
2.08
2.18
2.29
2.39
2.49
2.62
2.72
2.82
Example: If “A”=.020”. “B”=.060”. The terminal diagonal is .063" as shown on chart.
Step 1: Bit, Sleeve and
Pre-Stripped Wire
Step 2: Wire Insertion
Step 3: Wire Anchoring
Step 4: Terminal
Insertion
Step 5: Finished
Connection
M E T A L
- TO - M E T A L C O N T A C T
TYPES OF WRAP
T E R M I N A L D I A G O N A L C H A R T
HOW T O M A K E W I R E
W R A P P E D C O N N E C T I O N S
Wire Size
Min. number Min. strip
AWG Dia.
Dia.
of turns
force
inches mm (Bare Wire) lbs. gms
16
.051 1.30
4
15 6800
18 .0403 1.00
4
15 6800
20
.032 0.80
5
8 3600
22 .0253 0.65
5
8 3600
24 .0201 0.50
6
7 3200
26 .0159 0.40
7
6 2700
28 .0126 0.32
7
5 2200
30 .0100 0.25
7
3.3 1500
*Conforms to MIL-STD-1130B
S T R I P F O R C E C H A R T *
S O M E H I N T S O N M A K I N G W R A P P E D C O N N E C T I O N S
OPEN WRAP & SPIRAL
WRAP
Just keep the OK tool on the
terminal until the wrap is
complete. Early removal can
result in spiral and open
wraps.
PIGTAIL
Wire wrapping is a precision
technique and the wrong bit and
sleeve just cannot do the job.
Improper selection can cause
problems ranging from “Pigtails”
to loose wraps.
Wire Wrapping is a method of making a wire connection by coiling the bare wire around the sharp corners of a
terminal under mechanical tension. The technology was developed as an alternative to soldering, which presents
various safety and reliability problems in many applications. A principal advantage of wire wrapping is that it
provides a high-reliability connection that is also easily removed to correct or modify a wiring layout. Wire wrapping
subjects the wire to tremendous tension and compression forces, causing the oxide layer on both wire and terminal
to be crushed or sheared, resulting in a clean, oxide-free metal-to-metal contact. A standard wrap is generally used
for 24 AWG and larger diameter wires; a modified wrap is typically used for 26 AWG and smaller wires, and is used
almost exclusively for 28 to 30 AWG wires. In either case, the wrap style affects only the connection’s mechanical
stability; both styles provide suitable electrical connections.
WIRE WRAPPING OVERVIEW
INSUFFICIENT TURNS
It’s easy to feed wire into the slot in
the OK bit correctly. Be sure the
stripped end of the wire is “pushed-
in” all the way.
OVERWRAP
Do not press too hard. Let the OK
tools do the work. Excessive
pressure can lead to overwrapping.
Backforce
"BF"
to
prevent
overwrapping is available on most
power tools and is recommended
for use with 26 through 30 AWG
wire.
D I M E N S I O N B
A
B
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com