Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBTH10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBTH10
Description  NPN 1 GHz general purpose switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH10 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBTH10 Datasheet HTML 1Page - NXP Semiconductors PMBTH10 Datasheet HTML 2Page - NXP Semiconductors PMBTH10 Datasheet HTML 3Page - NXP Semiconductors PMBTH10 Datasheet HTML 4Page - NXP Semiconductors PMBTH10 Datasheet HTML 5Page - NXP Semiconductors PMBTH10 Datasheet HTML 6Page - NXP Semiconductors PMBTH10 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 1 GHz general purpose switching transistor
PMBTH10
FEATURES
• Low cost
• High power gain.
DESCRIPTION
The PMBTH10 is a general purpose
silicon npn transistor, encapsulated in
a SOT23 plastic envelope. Its pnp
complement is the PMBTH81.
PINNING
PIN
DESCRIPTION
Code: V30
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
30
V
VCEO
collector-emitter voltage
open base
−
25
V
VEBO
emitter-base voltage
open collector
−
3V
Ptot
total power dissipation
Ts =45 °C (note 1)
−
400
mW
hFE
DC current gain
VCE = 10 V; IC = 4 mA
60
−
Cre
collector-emitter feedback
capacitance
VCB = 10 V; IE = 0; f = 1 MHz
−
0.7
pF
Crb
collector-base feedback
capacitance
VCB = 10 V; IE = 0; f = 1 MHz
0.35
0.65
pF
fT
transition frequency
VCE = 10 V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
650
−
MHz
rbCc
collector-base time constant
VCE = 10 V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
−
9ps
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
30
V
VCEO
collector-emitter voltage
open base
−
25
V
VEBO
emitter-base voltage
open collector
−
3V
IC
DC collector current
−
40
mA
Ptot
total power dissipation
Ts =45 °C (note 1)
−
400
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com