Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL4148 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMLL4148
Description  High-speed diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL4148 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMLL4148 Datasheet HTML 1Page - NXP Semiconductors PMLL4148 Datasheet HTML 2Page - NXP Semiconductors PMLL4148 Datasheet HTML 3Page - NXP Semiconductors PMLL4148 Datasheet HTML 4Page - NXP Semiconductors PMLL4148 Datasheet HTML 5Page - NXP Semiconductors PMLL4148 Datasheet HTML 6Page - NXP Semiconductors PMLL4148 Datasheet HTML 7Page - NXP Semiconductors PMLL4148 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 27
3
Philips Semiconductors
Product specification
High-speed diodes
PMLL4148; PMLL4448
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
PMLL4148
IF =10mA
−
1V
PMLL4448
IF = 5 mA
620
720
mV
IF = 100 mA
−
1V
IR
reverse current
VR = 20 V; see Fig.5
25
nA
VR = 20 V; Tj = 150 °C; see Fig.5
−
50
µA
IR
reverse current; PMLL4448
VR = 20 V; Tj = 100 °C; see Fig.5
−
3
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
4
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.7
4ns
Vfr
forward recovery voltage
when switched from IF =50mA;
tr = 20 ns; see Fig.8
−
2.5
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
300
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
350
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com