Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP934EW/GD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP934EW/GD
Description  T-1 (3mm) RIGHT ANGLE LED INDICATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP934EW/GD Datasheet(HTML) 1 Page - Kingbright Corporation

  WP934EW/GD Datasheet HTML 1Page - Kingbright Corporation WP934EW/GD Datasheet HTML 2Page - Kingbright Corporation WP934EW/GD Datasheet HTML 3Page - Kingbright Corporation WP934EW/GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF1855
REV NO: V.4
DATE: MAY/21/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102002829
T-1 (3mm) RIGHT ANGLE LED INDICATOR
Part Number: WP934EW/GD
Green
Features
I.C. COMPATIBLE.
BLACK CASE ENHANCES CONTRAST RATIO.
WIDE VIEWING ANGLE.
HIGH RELIABILITY LIFE MEASURED IN YEARS.
UL RATING : 94V-0.
HOUSING MATERIAL: TYPE 66 NYLON.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP934EW/GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP934EW/ID KINGBRIGHT-WP934EW/ID Datasheet
251Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW/SRD KINGBRIGHT-WP934EW/SRD Datasheet
251Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW/YD KINGBRIGHT-WP934EW/YD Datasheet
251Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP934EW/GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP93A8EWP-GDTG0L KINGBRIGHT-WP93A8EWP-GDTG0L Datasheet
174Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-IDTG0L KINGBRIGHT-WP93A8EWP-IDTG0L Datasheet
173Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EGW KINGBRIGHT-WP130WDT-EGW Datasheet
299Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EYW KINGBRIGHT-WP130WDT-EYW Datasheet
300Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934CB-YD KINGBRIGHT-WP934CB-YD Datasheet
77Kb / 3P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-SRD KINGBRIGHT-WP934EW-SRD Datasheet
251Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934RS-SRD KINGBRIGHT-WP934RS-SRD Datasheet
253Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934ZH-YD KINGBRIGHT-WP934ZH-YD Datasheet
260Kb / 4P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP KINGBRIGHT-WP93A8EWP Datasheet
256Kb / 7P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934TV-4LID KINGBRIGHT-WP934TV-4LID Datasheet
322Kb / 5P
T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com