Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUP Datasheet(PDF) 2 Page - Tyco Electronics

Part # KUP
Description  AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KUP Datasheet(HTML) 2 Page - Tyco Electronics

  KUP Datasheet HTML 1Page - Tyco Electronics KUP Datasheet HTML 2Page - Tyco Electronics KUP Datasheet HTML 3Page - Tyco Electronics KUP Datasheet HTML 4Page - Tyco Electronics KUP Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Relays
Industrial Relays
Potter & Brumfield
09-2010, Rev. 0910
www.te.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
KUP Series Panel Plug-in Relay (Continued)
Other Data (continued)
Category of environmental protection
IEC 61810
RT0 - open relay; RTI - dust protected
Terminal type
Quick connects (QC), .187, .205 or .250;
PCB-THT
Terminal retention, push force
QC .205
17 lbs for 3s
QC .187, QC .250, PCB
25 lbs for 3s
Weight
85g
Packaging/unit
tray/25 pcs., box/150pcs.
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket and 20C318 clip
27E121
Track mount socket and 20C314 clip
27E043
Chassis mount/solder eyelet socket and 20C254 clip
27E046
Chassis mount/PCB socket and 20C254 clip
27E067
Chassis mount/quick connect socket and 20C254 clip
27E396
Snap-in/quick connect socket and 20C254 clip
Insulation Data
Initial dielectric strength
between open contacts
1200Vrms
between contact and coil
2200Vrms
between adjacent contacts
2200Vrms
Initial insulation resistance
between insulated elements
100MΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
Enclosed relays, 4 pole: -45ºC to 50ºC
Enclosed relays, 1-3 pole: -45ºC to 70ºC
Open relays: 15ºC higher maximum
AC coil
Enclosed relays, 3 and 4 pole: -45°C to +45°C
Enclosed relays, 1 and 2 pole: -45ºC to +55ºC
Open relays: 15°C higher maximum
Maximum allowable ambient temperature vs voltage (KUP enlcosed)
Dimensions
KU bracket type
2.43 MAX.*
(61.72)
2.33 MAX.**
(59.18)
2.29 MAX.***
(58.17)
1.437
(36.50)
.19
(4.8)
.63
(16.0)
(2) #6-32 THREAD
TAPPED HOLES
2.27 MAX.*
(57.7)
2.171 MAX.**
(55.14)
2.125 MAX.***
(53.98)
.16
(4.1)
.63
(16.0)
X
X
X
KU stud type
2.27 MAX.*
(57.7)
2.171 MAX.**
(55.14)
2.125 MAX.***
(53.98)
1.391
(35.33)
.065
(1.65)
1.39 MAX.*
(35.3)
1.29 MAX.**
(32.8)
1.25 MAX.***
(31.8)
.437
(11.10)
.218
(5.54)
1.282 MAX.
(35.56)
1.468 MAX.
(37.29)
1
2
3
4
5
6
7
8
9
A
B
.150
TAB WIDTH
(3.81)
.31
(7.9)
.109 MAX.
(2.77)
#6-32
THREAD
1.687 MAX.
(42.85)
.031 REF.
(.79)
.031 REF.
(.79)
Seated Heights For KU (open) Relays
1.391” (35.33mm) for #6-32 stud
with .218” (5.54mm) locating tab.
1.52” (38.6mm) for bracket
with 2-#6 32 tapped holes.
1.282” (32.56mm) for #6-32 tapped core
with .125” (3.18mm) or .218” (5.54mm) locating tab.
2.046” (51.97mm) for relay
with printed circuit terminals.
STUD TYPE also available with .125” (3.18mm)
tab, as well as without stud and locating tab.
Models without stud have core tapped #6-32
THREAD, .25” (6.4mm) minimum depth.
*Dimensions with .250” (6.35mm) terminals.
** Dimensions with .110” (2.79mm) or .205” (5.21mm) terminals.
*** Dimensions with .187” (4.75mm) terminals.
Relay front diagrams
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1
2
3
4
5
6
7
9
A
B
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
Models with 6.35mm
1-3 pole models with
4 pole models
(.250) QC terminals
all other terminals
1
2
3
4
A
B
5
6
7
8
9
10
11 12
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
70°
60°
50°
40°
30°
20°
100 110 120 130 140 150 160
% of Nominal Voltage DC
1.8
Wa
tt DC
Coi
l
1.2
Wa
tt D
C C
oil
75°
70°
60°
50°
40°
30°
20°
100
110
120
130
140
% Of Nominal 60 Hz. Voltage
75°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com