Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL5229B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMLL5229B
Description  Voltage regulator diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL5229B Datasheet(HTML) 2 Page - NXP Semiconductors

  PMLL5229B Datasheet HTML 1Page - NXP Semiconductors PMLL5229B Datasheet HTML 2Page - NXP Semiconductors PMLL5229B Datasheet HTML 3Page - NXP Semiconductors PMLL5229B Datasheet HTML 4Page - NXP Semiconductors PMLL5229B Datasheet HTML 5Page - NXP Semiconductors PMLL5229B Datasheet HTML 6Page - NXP Semiconductors PMLL5229B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Apr 26
2
Philips Semiconductors
Product specification
Voltage regulator diodes
PMLL5225B to PMLL5267B
FEATURES
• Total power dissipation:
max. 500 mW
• Tolerance series: ±5%
• Working voltage range:
nom. 3.0 to 75 V
• Non-repetitive peak reverse power
dissipation: max. 40 W.
APPLICATIONS
• Low-power voltage stabilizers or
voltage references.
DESCRIPTION
Low-power voltage regulator diodes in small hermetically sealed glass
SOD80C SMD packages. The series consists of 43 types with nominal working
voltages from 3.0 to 75 V.
Fig.1 Simplified outline (SOD80C) and symbol.
The cathode is indicated by a yellow band.
handbook, 4 columns
MAM215
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. If flanges are kept at Tflange ≤ 75 °C.
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
−
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tj =25 °C prior to surge
see Table
“Per type”
Ptot
total power dissipation
Tamb =25 °C; note 1
−
500
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tj =25 °C prior to surge; see Fig.3
−
40
W
tp = 8.3 ms; square wave;
Tj ≤ 55 °C prior to surge
−
10
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−65
+200
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 200 mA; see Fig.4
−
1.1
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com