Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMLL5243B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMLL5243B
Description  Voltage regulator diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL5243B Datasheet(HTML) 3 Page - NXP Semiconductors

  PMLL5243B Datasheet HTML 1Page - NXP Semiconductors PMLL5243B Datasheet HTML 2Page - NXP Semiconductors PMLL5243B Datasheet HTML 3Page - NXP Semiconductors PMLL5243B Datasheet HTML 4Page - NXP Semiconductors PMLL5243B Datasheet HTML 5Page - NXP Semiconductors PMLL5243B Datasheet HTML 6Page - NXP Semiconductors PMLL5243B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Per type
Tj =25 °C; unless otherwise specified.
TYPE No.
WORKING
VOLTAGE
VZ (V)(1)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (%/K)
at IZ(2)
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE CURRENT
at REVERSE
VOLTAGE
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 µs; Tamb =25 °C
IR (µA)
VR
(V)
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
PMLL5225B
3.0
1600
−0.075
20
450
50
1.0
6.0
PMLL5226B
3.3
1600
−0.070
20
450
25
1.0
6.0
PMLL5227B
3.6
1700
−0.065
20
450
15
1.0
6.0
PMLL5228B
3.9
1900
−0.060
20
450
10
1.0
6.0
PMLL5229B
4.3
2000
±0.055
20
450
5
1.0
6.0
PMLL5230B
4.7
1900
±0.030
20
450
5
1.5
6.0
PMLL5231B
5.1
1600
±0.030
20
300
5
2.0
6.0
PMLL5232B
5.6
1600
+0.038
20
300
5
3.0
6.0
PMLL5233B
6.0
1600
+0.038
20
300
5
3.5
6.0
PMLL5234B
6.2
1000
+0.045
20
200
5
4.0
6.0
PMLL5235B
6.8
750
+0.050
20
200
3
5.0
6.0
PMLL5236B
7.5
500
+0.058
20
150
3
6.0
4.0
PMLL5237B
8.2
500
+0.062
20
150
3
6.5
4.0
PMLL5238B
8.7
600
+0.065
20
150
3
6.5
3.5
PMLL5239B
9.1
600
+0.068
20
150
3
7.0
3.0
PMLL5240B
10
600
+0.075
20
90
3
8.0
3.0
PMLL5241B
11
600
+0.076
20
85
2
8.4
2.5
PMLL5242B
12
600
+0.077
20
85
1
9.1
2.5
PMLL5243B
13
600
+0.079
9.5
80
0.5
9.9
2.5
PMLL5244B
14
600
+0.082
9.0
80
0.1
10.0
2.0
PMLL5245B
15
600
+0.082
8.5
75
0.1
11.0
2.0
PMLL5246B
16
600
+0.083
7.8
75
0.1
12.0
1.5
PMLL5247B
17
600
+0.084
7.4
75
0.1
13.0
1.5
PMLL5248B
18
600
+0.085
7.0
70
0.1
14.0
1.5
PMLL5249B
19
600
+0.086
6.6
70
0.1
14.0
1.5
PMLL5250B
20
600
+0.086
6.2
60
0.1
15.0
1.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com