Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL20-1AI-I-0/4...20MA Datasheet(PDF) 1 Page - Turck, Inc.

Part # BL20-1AI-I-0/4...20MA
Description  BL20 electronic module 1 Analog Input for Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BL20-1AI-I-0/4...20MA Datasheet(HTML) 1 Page - Turck, Inc.

  BL20-1AI-I-0/4...20MA Datasheet HTML 1Page - Turck, Inc. BL20-1AI-I-0/4...20MA Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
BL20 electronic module
1 Analog Input for Current
BL20-1AI-I(0/4...20MA)
Type
BL20-1AI-I(0/4...20MA)
ID
6827018
Number of channels
1
Rated voltage from the supply terminal
24 VDC
Nominal current from field supply
ð
50 mA
Nominal current from module bus
ð
41 mA
Power dissipation, typical
ð
1 W
Inputs
Input type
0/4…20 mA
Input resistance
< 0.125
Max. input current
50 mA
Electrical isolation
electronics for the field level
Output connectivity
Screw, tension spring
Basic fault limit at 23 °C
< 0.2 %
Repeatability
0.09 %
Temperature coefficient
< 300 ppm/°C of full scale
Resolution
14 Bit
Measuring principle
sucessive approximation
Measured-value display
16 bit signed integer
12 bit full range left justified
Cycle time
ð
3 ms
Number of diagnostics bytes
1
Number of parameter bytes
1
Dimensions (W x L x H)
12.6 x 74.1 x 55.4 mm
Approvals
CE, cULus
Ambient temperature
0…+55 °C
Storage temperature
-25…+85 °C
Relative humidity
15…95 %, no condensation allowed
Vibration test
Acc. to EN 61131
Shock test
Acc. to IEC 60068-2-27
Drop and topple
acc. to IEC 68-2-31 and free fall to IEC 68-2-32
Electromagnetic compatibility
Acc. to EN 50082-2
Protection class
IP20
■ Fieldbus and connection technology inde-
pendent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 1 analog input 0/4…20 mA
Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely inde-
pendent of the type of higher level field bus
through the use of gateways.


Similar Part No. - BL20-1AI-I-0/4...20MA

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-1AI-U-10/0...+10VDC TURCK-BL20-1AI-U-10/0...+10VDC Datasheet
291Kb / 2P
BL20 electronic module 1 Analog Input for Voltage
2023-07-21
More results

Similar Description - BL20-1AI-I-0/4...20MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
Analog Current Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
Analog Current Input Modules
logo
Systemsensor advanced i...
M500M-4-20 SYSTEMSENSOR-M500M-4-20 Datasheet
244Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
National Instruments Co...
CFP-AI-118 NI-CFP-AI-118 Datasheet
149Kb / 4P
Analog Input Module for Compact FieldPoint
logo
PHOENIX CONTACT
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
logo
Contec Co., Ltd
CPS-AI-1608LI CONTEC-CPS-AI-1608LI Datasheet
541Kb / 2P
Analog Input Module
logo
Advantech Co., Ltd.
ADAM-4016 ADVANTECH-ADAM-4016 Datasheet
286Kb / 1P
1-ch Analog Input/Output Module, 8-ch Analog Input Module
logo
Contec Co., Ltd
ADI12-8GY CONTEC-ADI12-8GY Datasheet
280Kb / 3P
Isolated Analog Input Module
logo
Schneider Electric
BMEAHI0812 SCHNEIDER-BMEAHI0812 Datasheet
265Kb / 6P
analog input module X80 - 8 inputs HART - current Isolated
Apr 18, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com