Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL20-2DO-R-NO Datasheet(PDF) 1 Page - Turck, Inc.

Part # BL20-2DO-R-NO
Description  BL20 electronic module Relay Module, 2 × NO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BL20-2DO-R-NO Datasheet(HTML) 1 Page - Turck, Inc.

  BL20-2DO-R-NO Datasheet HTML 1Page - Turck, Inc. BL20-2DO-R-NO Datasheet HTML 2Page - Turck, Inc. BL20-2DO-R-NO Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3
BL20 electronic module
Relay Module, 2 × NO
BL20-2DO-R-NO
Type
BL20-2DO-R-NO
ID
6827029
Number of channels
2, NO contacts
Rated voltage from the supply terminal
24 VDC
Nominal current from field supply
ð
20 mA
Nominal current from module bus
ð
28 mA
Power dissipation, typical
ð
1 W
Output connectivity
Screw, tension spring
Outputs
Load type
resistive, inductive, lamp load
Rated load voltage
230/30 VAC/DC
Simultaneity factor
1
Useful lifetime at 230 VAC, 5 A
100000
Useful lifetime at 230 VAC, 0.5 A
1000000
Output current with DC voltage (resistive)
see load limit curve
Electrical isolation
electronics for the field level
Dimensions (W x L x H)
12.6 x 74.1 x 55.4 mm
Approvals
CE, cULus, zone 2, Class I, Div. 2
Ambient temperature
0…+55 °C
Storage temperature
-25…+85 °C
Relative humidity
15…95 %, no condensation allowed
Vibration test
Acc. to EN 61131
Shock test
Acc. to IEC 60068-2-27
Drop and topple
acc. to IEC 68-2-31 and free fall to IEC 68-2-32
Electromagnetic compatibility
Acc. to EN 50082-2
Protection class
IP20
MTTF
1517 years acc. to SN 29500 (Ed. 99) 20 °C
■ Fieldbus and connection technology inde-
pendent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 2 NO channels
Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely inde-
pendent of the type of higher level field bus
through the use of gateways.
Load limit curve
Definition: At 1000 switching cycles, a stand-
ing electric arc of > 10 ms may not occur.


Similar Part No. - BL20-2DO-R-NO

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-2DO-R-NC TURCK-BL20-2DO-R-NC Datasheet
290Kb / 2P
BL20 electronic module Relay Module, 2 × Normally Closed
2023-07-21T
More results

Similar Description - BL20-2DO-R-NO

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMD12-REL PHOENIX-EMD12-REL Datasheet
58Kb / 2P
Relay Module
logo
Pepperl+Fuchs Inc.
HIC5861 PF-HIC5861 Datasheet
784Kb / 4P
Relay Module
HIC5863 PF-HIC5863 Datasheet
777Kb / 4P
Relay Module
KCD0-RSH-1.1E.1 PF-KCD0-RSH-1.1E.1 Datasheet
951Kb / 5P
Relay Module
KFD0-RSH-1 PF-KFD0-RSH-1 Datasheet
831Kb / 4P
Relay Module
KFD2-RSH-1.2D.FL3-Y1 PF-KFD2-RSH-1.2D.FL3-Y1 Datasheet
1Mb / 6P
Relay Module
KFD2-RSH-1.2E.L2-Y1 PF-KFD2-RSH-1.2E.L2-Y1 Datasheet
1Mb / 6P
Relay Module
KFD0-RSH-1.4S.PS2 PF-KFD0-RSH-1.4S.PS2 Datasheet
1Mb / 5P
Relay Module
KFD0-RSH-1.1E.1 PF-KFD0-RSH-1.1E.1 Datasheet
984Kb / 5P
Relay Module
KFD2-RSH-1.2D.FL2 PF-KFD2-RSH-1.2D.FL2 Datasheet
1Mb / 6P
Relay Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com