Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD04060E Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # CSD04060E
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

CSD04060E Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  CSD04060E Datasheet HTML 1Page - Inchange Semiconductor Company Limited CSD04060E Datasheet HTML 2Page - Inchange Semiconductor Company Limited CSD04060E Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7014
eq CSD04060E
Silicon Carbide Schottky Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 4A; TJ=25℃
--
--
1.8
V
IF= 4A; TJ=175℃
--
--
3.0
IR
Reverse current
VR= 600V;TJ=25℃
--
--
200
uA
VR= 600V;TJ=175℃
--
--
1000
QC
Total Capacitive Charge
VR=800V ,IF= 4A,di/dt
= 500 A/μs,TJ= 25°C
--
10
--
nC
C
Total Capacitance,f=1MHZ
VR= 0 V, TJ = 25
°C, f = 1
MHz
--
223
--
pF
VR= 200 V, TJ = 25
°C, f
= 1 MHz
--
28
--
VR= 400V, TJ = 25
°C, f =
1 MHz
--
22
--
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com