Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH4L080N120SC1 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # NTH4L080N120SC1
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NTH4L080N120SC1 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  NTH4L080N120SC1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited NTH4L080N120SC1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited NTH4L080N120SC1 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCF8040
eq NTH4L080N120SC1
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 0.1mA
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID =5mA
1.8
--
4.3
V
RDS(ON)
Drain-Source On-stage Resistance
VGS=20V, ID= 20A
--
--
0.1
Ω
IGSS
Gate Source Leakage Current
VGS= -15/+25V, VDS= 0V
--
--
±
1
μA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
--
100
μA
VSD
Diode Forward Voltage
ISD= 10A, VGS= -5V
--
3.7
--
V
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com