Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8036 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 164 page
background image
Program Map
56F8036 Data Sheet, Rev. 3
Freescale Semiconductor
39
Preliminary
4.3 Program Map
The Program Memory map is shown in Table 4-3.
ADC
60
0-2
P:$78
ADC Zero Crossing or Limit Error
PWM
61
0-2
P:$7A
Reload PWM
PWM
62
0-2
P:$7C
PWM Fault
SWILP
63
-1
P:$7E
SW Interrupt Low Priority
1. Two words are allocated for each entry in the vector table. This does not allow the full address range to be referenced
from the vector table, providing only 19 bits of address.
2. If the VBA is set to $0000, the first two locations of the vector table will overlay the chip reset addresses since the reset
address would match the base of this vector table.
Table 4-3 Program Memory Map1 at Reset
1. All addresses are 16-bit Word addresses.
Begin/End Address
Memory Allocation
P: $1F FFFF
P: $00 8800
RESERVED
P: $00 87FF
P: $00 8000
On-Chip RAM2
8KB
2. This RAM is shared with Data space starting at address X: $00 0000; see Figure 4-1.
P: $00 7FFF
P: $00 0000
Internal Program Flash
64KB
Cop Reset Address = $00 0002
Boot Location = $00 0000
Table 4-2 Interrupt Vector Table Contents1 (Continued)
Peripheral
Vector
Number
Priority
Level
Vector Base
Address +
Interrupt Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com