Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8347 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8347
Description  16-bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8347 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
External Clock Operation
56F8347 Technical Data, Rev.11
Freescale Semiconductor
39
Preliminary
parameters determine the component values required to provide maximum stability and reliable start-up.
The crystal and associated components should be mounted as near as possible to the EXTAL and XTAL
pins to minimize output distortion and start-up stabilization time.
Figure 3-2 Connecting to a Crystal Oscillator
Note:
The OCCS_COHL bit must be set to 1 when a crystal oscillator is used. The reset condition on the
OCCS_COHL bit is 0. Please see the COHL bit in the Oscillator Control (OSCTL) register, discussed
in the 56F8300 Peripheral User’s Manual.
3.2.2
Ceramic Resonator (Default)
It is also possible to drive the internal oscillator with a ceramic resonator, assuming the overall system
design can tolerate the reduced signal integrity. A typical ceramic resonator circuit is shown in Figure 3-3.
Refer to the supplier’s recommendations when selecting a ceramic resonator and associated components.
The resonator and components should be mounted as near as possible to the EXTAL and XTAL pins.
Figure 3-3 Connecting a Ceramic Resonator
Note:
The OCCS_COHL bit must be set to 0 when a ceramic resonator is used. The reset condition on the
OCCS_COHL bit is 0. Please see the COHL bit in the Oscillator Control (OSCTL) register, discussed
in the 56F8300 Peripheral User’s Manual.
Sample External Crystal Parameters:
Rz = 750 KΩ
Note: If the operating temperature range is limited to
below 85oC (105oC junction), then Rz = 10 Meg Ω
CLKMODE = 0
EXTAL XTAL
Rz
CL1
CL2
Crystal Frequency = 4 - 8MHz (optimized for 8MHz)
EXTAL XTAL
Rz
EXTAL
XTAL
Rz
Sample External Ceramic Resonator Parameters:
Rz = 750 KΩ
EXTAL
XTAL
Rz
C1
CL1
CL2
C2
Resonator Frequency = 4 - 8MHz (optimized for 8MHz)
3 Terminal
2 Terminal
CLKMODE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com