Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8355 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8355
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8355 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8355 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
Signal Pins
56F8355 Technical Data, Rev. 12
Freescale Semiconductor
21
Preliminary
GPIOB4
(A20)
(prescaler_
clock)
31
Schmitt
Input/
Output
Output
Output
Input,
pull-up
enabled
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
Address Bus — A20 specifies one of the address lines for
external program or data memory accesses. Depending upon the
state of the DRV bit in the EMI bus control register (BCR), A20
and EMI control signals are tri-stated when the external bus is
inactive.
Clock Output — can be used to monitor the prescaler_clock on
GPIOB4.
After reset, the default state is GPIO.
This pin can also be used to view the prescaler_clock. In these
cases, the GPIOB_PER can be used to disable the GPIO. The
CLKOSR register in the SIM can then be used to choose between
address and clock functions; see Part 6.5.7 for details.
To deactivate the internal pull-up resistor, clear clear bit 4 in the
GPIOB_PUR register.
D7
(GPIOF0)
22
Input/
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Data Bus — D7 - D10 specify part of the data for external
program or data memory accesses. Depending upon the state of
the DRV bit in the EMI bus control register (BCR), D7 - D10 are
tri-stated when the external bus is inactive
Port F GPIO — These four GPIO pins can be individually
programmed as input or output pins.
After reset, these pins default to data bus functionality and should
be programmed as GPIO.
To deactivate the internal pull-up resistor, clear the appropriate
GPIO bit in the GPIOF_PUR register.
Example: GPIOF0, clear bit 0 in the GPIOF_PUR register.
Note: Primary function is not available in this package
configuration; GPIO function must be used instead.
D8
(GPIOF1)
23
D9
(GPIOF2)
24
D10
(GPIOF3)
26
Table 2-2 Signal and Package Information for the 128-Pin LQFP (Continued)
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com