Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1007K Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPB1007K
Description  3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1007K Datasheet(HTML) 2 Page - California Eastern Labs

  UPB1007K Datasheet HTML 1Page - California Eastern Labs UPB1007K Datasheet HTML 2Page - California Eastern Labs UPB1007K Datasheet HTML 3Page - California Eastern Labs UPB1007K Datasheet HTML 4Page - California Eastern Labs UPB1007K Datasheet HTML 5Page - California Eastern Labs UPB1007K Datasheet HTML 6Page - California Eastern Labs UPB1007K Datasheet HTML 7Page - California Eastern Labs UPB1007K Datasheet HTML 8Page - California Eastern Labs UPB1007K Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPB1007K
ABSOLUTE MAXIMUM RATINGS1,2 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. More than two items must not be reached simultaneously.
3. TA = +85°C, mounted on a 50 x 50 x 1.6 mm double-sided
copper clad epoxy glass PWB.
SYMBOLS
PARAMETERS
UNITS MIN
TYP
MAX
VCC
Supply Voltage
V
2.7
3.0
3.3
TOP
Operating Temperature
°C
-40
+25
+85
fRFin
RF Input Frequency
MHz
1575.42
fREFin
Reference Frequency
MHz
16.368
fREFout
f1stLO
1st LO Oscillating
Frequency
MHz
1636.8
f1stIFin
1st IF Input Frequency
MHz
61.38
f2ndLOin
2nd LO Input Frequency MHz
65.472
f2ndIFin
2nd IF Input/Output
f2ndIFout
Frequency
MHz
4.092
VIH
Power Down Control
Voltage "High"
V
1.8
3
VIL
Power Down Control
Voltage "Low"
V
0.6
RECOMMENDED
OPERATING CONDITIONS
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
3.6
PT
Total Power Dissipation3
mW
433
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
PART NUMBER
UPB1007K
PACKAGE OUTLINE
QFN-36
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
2nd IF Amplifier Block (f2ndIF = 4.096 MHz, ZS = 2k
Ω, ZL = 2 kΩ)
Ω)
Ω)
Ω)
Ω)
GVLIM
Voltage Gain of Limiter Amplifier, PIN = -60 dBm
dB
48
fBB
Roll-off Frequency
MHz
110
Crystal Oscillator/Reference Amplifier Block
VREFin
Reference Input Minimum Level
mVpp
400
400
VREFout
Reference Output Swing (open collector output),
CL = 2 pF//RL = 10 kΩ
Vpp
1.1
1.2
1.3
Power Down Control Pins
VIH
Digital Control Input High
V
1.83
1.86
2.15
VIL
Digital Control Input Low
V
0.5
0.6
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 3 V, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com