Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF957 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PRF957
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF957 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PRF957 Datasheet HTML 5Page - NXP Semiconductors PRF957 Datasheet HTML 6Page - NXP Semiconductors PRF957 Datasheet HTML 7Page - NXP Semiconductors PRF957 Datasheet HTML 8Page - NXP Semiconductors PRF957 Datasheet HTML 9Page - NXP Semiconductors PRF957 Datasheet HTML 10Page - NXP Semiconductors PRF957 Datasheet HTML 11Page - NXP Semiconductors PRF957 Datasheet HTML 12Page - NXP Semiconductors PRF957 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Jul 23
9
Philips Semiconductors
Product specification
UHF wideband transistor
PRF957
APPLICATION INFORMATION
SPICE parameters for the PRF957 die
Notes
1. These parameters have not been extracted, the
default values are shown.
2. Cbpb, Cbpe: base-bondpad and emitter-bondpad
capacitance to collector.
List of components (see Fig.14)
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
0.963
fA
2
BF
102.3
−
3
NF
1.002
−
4
VAF
64.75
V
5
IKF
841.1
mA
6
ISE
35.77
fA
7
NE
2.138
−
8
BR
90.16
−
9
NR
1.000
−
10
VAR
3.198
V
11
IKR
25.77
mA
12
ISC
156.6
aA
13
NC
1.047
−
14
RB
6.071
Ω
15
IRB
0.000
µA
16
RBM
2.478
Ω
17
RE
0.164
Ω
18
RC
1.315
Ω
19(1)
XTB
0.000
−
20(1)
EG
1.110
eV
21(1)
XTI
3.000
−
22
CJE
1.161
pF
23
VJE
600.0
mV
24
MJE
0.394
−
25
TF
3.073
ps
26
XTF
10.25
−
27
VTF
4.599
V
28
ITF
53.49
mA
29
PTF
0.000
deg
30
CJC
409.9
fF
31
VJC
287.1
mV
32
MJC
0.111
−
33
XCJC
0.104
−
34
TR
0.000
ps
35(1)
CJS
0.000
F
36(1)
VJS
700.0
mV
37(1)
MJS
0.000
−
38
FC
0.888
−
39(2)
Cbpb
73.00
fF
40(2)
Cbpe
131.00
fF
DESIGNATION
VALUE
UNIT
Cbe
2fF
Ccb
100
fF
Cce
100
fF
L1
0.34
nH
L2
0.10
nH
L3
0.34
nH
LB
0.60
nH
LE
0.60
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
QLB = 50; QLE = 50;
QLB(f) = QLB√(f/fc);
QLE(f) = QLE√(f/fc);
fc = corner frequency = 1 GHz.
Fig.14 Package equivalent circuit SOT323.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com