Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1492012 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1492012
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1492012 Datasheet(HTML) 1 Page - Festo Corporation.

  1492012 Datasheet HTML 1Page - Festo Corporation. 1492012 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VZWD-L-M22C-M-G14-10-V-3AP4-90-R1
Part number: 1492012
General operating condition
Data sheet
Feature
Value
Structural design
Directly controlled poppet valve
Actuation type
Electrical
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
G1/4
Electrical connection
Form A
Plug
as per EN 175301-803
Rectangular design
Nominal width
1 mm
Valve function
2/2, closed, monostable
Manual override
None
Flow direction
Non-reversible
Medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Mineral oil
Water
Neutral liquids
Other flow media on request
Nominal pressure of fitting PN
100
Pressure difference
0 MPa
Differential pressure
0 bar
Pressure difference
0 psi
Coil characteristics
230 V AC: 50/60 Hz, initial power 18.0 VA, holding power 15.0 VA
Insulation class
F
Permissible voltage fluctuations
+/- 10 %
Duty cycle
100%
Reset method
Mechanical spring
Type of control
Direct
Symbol
00992979
Medium pressure
0 MPa ... 9 MPa
6/18/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1492012

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1492010 FESTO-1492010 Datasheet
89Kb / 2P
Air solenoid valve
1492011 FESTO-1492011 Datasheet
89Kb / 2P
Air solenoid valve
1492013 FESTO-1492013 Datasheet
87Kb / 2P
Air solenoid valve
1492014 FESTO-1492014 Datasheet
86Kb / 2P
Air solenoid valve
1492015 FESTO-1492015 Datasheet
86Kb / 2P
Air solenoid valve
More results

Similar Description - 1492012

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com