Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8190890 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8190890
Description  Motor cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8190890 Datasheet(HTML) 1 Page - Festo Corporation.

  8190890 Datasheet HTML 1Page - Festo Corporation. 8190890 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Motor cable
NEBM-M23G15-EH-10-Q9N-S1LEG21
Part number: 8190890
General operating condition
Data sheet
Feature
Value
Based on norm
EN 61984
Cable designation
Without label holder
Product weight
2300 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Hybrid socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
M23x1
Electrical connection 1, number of pins/wires
15
Electrical connection 1, occupied pins/wires
12
Electrical connection 1, type of mounting
Snap-locking
Electrical connection for input 1, connection pattern
00995912
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
Sub-D and open end
Electrical connection 2, number of pins/wires
21
Electrical connection 2, occupied pins/wires
12
Electrical connection 2, type of mounting
Inserted
Electrical connection 2, connection pattern
00995641
DC operating voltage range
0 V ... 850 V
Operating voltage range AC
0 V ... 630 V
Current rating at 40° C
17.8 A
Surge resistance
6 kV
Shield
yes
Cable length
10 m
Cable characteristic
Suitable for energy chains
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
51.2 mm
Bending radius, flexible cable installation
96 mm
Cable diameter
12.8 mm
Cable diameter tolerance
± 0.3 mm
Cable design
4 x 1.5 mm² + 1 x (2 x 0.75 mm²) + 1 x (2 x 0.24 mm² + 2 x 2 x 0.15 mm²)
Nominal conductor cross section
0.24 mm²
Wire ends
Cable end sleeve
5/20/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8190890

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
81908 GENERAL-81908 Datasheet
120Kb / 2P
Super Vu-Tron짰 Welding Cable
logo
Festo Corporation.
8190885 FESTO-8190885 Datasheet
79Kb / 2P
Motor cable
8190886 FESTO-8190886 Datasheet
79Kb / 2P
Motor cable
8190887 FESTO-8190887 Datasheet
79Kb / 2P
Motor cable
8190888 FESTO-8190888 Datasheet
79Kb / 2P
Motor cable
More results

Similar Description - 8190890

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
VCR Capstan Motor Brushless Motor Driver
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
Rohm
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
List of Unclassifed Man...
HT23-598C ETC2-HT23-598C Datasheet
160Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT23-601C ETC2-HT23-601C Datasheet
185Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT34-506C ETC2-HT34-506C Datasheet
152Kb / 3P
NEMA 34 Step Motor with 10 Foot Shielded Cable
logo
MinebeaMitsumi Inc.
PPN13 MINEBEAMITSUMI-PPN13 Datasheet
101Kb / 1P
Motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com