Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2771T Datasheet(PDF) 2 Page - NEC

Part # UPC2771T
Description  3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2771T Datasheet(HTML) 2 Page - NEC

  UPC2771T Datasheet HTML 1Page - NEC UPC2771T Datasheet HTML 2Page - NEC UPC2771T Datasheet HTML 3Page - NEC UPC2771T Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
1
2
3
4
50
40
30
20
10
0
CIRCUIT CURRENT vs. VOLTAGE
0.1
0.3
1.0
3.0
24
22
20
18
16
14
12
10
8
6
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
NF
GS
VCC = 2.7V
VCC = 3.0V
VCC = 3.3V
VCC = 3.3V
VCC = 3.0 V
VCC = 2.7 V
7
5
3
Supply Voltage, VCC (V)
CIRCUIT CURRENT vs. TEMPERATURE
-60
-40
-20
0
20
40
60
80
100
50
40
30
20
10
0
Temperature (
°C)
Frequency, f (GHz)
Frequency, f (GHz)
GAIN AND NOISE FIGURE
vs. FREQUENCY AND VOLTAGE
0.1
0.3
1.0
3.0
0
-10
-20
-30
-40
VCC = 3.0V
RLout
RLin
INPUT RETURN LOSS AND
OUTPUT RETURN LOSS vs. FREQUENCY
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2771T
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
3.6
ICC
Total Supply Current
mA
77.7
PIN
Input Power
dBm
+13
PT
Total Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on a 50 X 50 X 1.6 mm epoxy glass PWB (TA = 85
°C).
RECOMMENDED
OPERATING CONDITIONS
SYMBOLS
PARAMETERS
UNITS MIN
TYP MAX
VCC
Supply Voltage
V
2.7
3
3.3
TOP
Operating Temperature
°C
-40
+25
+85
TEST CIRCUIT
1000 pF
VCC
50
Ω
OUT
IN
L*
2, 3, 5
1
6
4
50
Ω
1000 pF
1000 pF
* This device is tested using a bias tee with typical series inductance,
L = 1000 nH. In circuit applications, L = 50 nH is satisfactory at 900
MHz, and L = 10 nH is satisfactory at 1500 MHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com