Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFD46PT-2/M16 Datasheet(PDF) 1 Page - Turck, Inc.

Part # FSFD46PT-2/M16
Description  M12 Power Receptacle – Rear Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FSFD46PT-2/M16 Datasheet(HTML) 1 Page - Turck, Inc.

  FSFD46PT-2/M16 Datasheet HTML 1Page - Turck, Inc. FSFD46PT-2/M16 Datasheet HTML 2Page - Turck, Inc. FSFD46PT-2/M16 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
FSFD46PT-2/M16
M12 Power Receptacle – Rear Mount
Technical data
Type
FSFD46PT-2/M16
ID
U2-29255
Connector A
Male, M12 × 1, T-code
Design specification
Acc. to IEC 61076-2-111
Number of contacts
4
Contacts
Brass, CuZn, Gold-plated
Contact carriers
Plastic, PA, Black
Connector seal
Plastic
Housing material/finish
Brass, CuZn, Nickel-plated
Tightening torque (range)
0.4 … 1 Nm
(note max. torque of mating connector!)
Mounting orientation
Rear mount
Panel seal
O-ring, NBR
Mounting thread
M16 × 1.5
Locknut
Brass, CuZn, Nickel-plated
Receptacle mounting torque
2.5…7.3 Nm
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP68
NEMA: 1, 3, 4, 6P
Conductor data
 
Total number of conductors
4
Length (L)
2  m, 2 m, (+50mm or 4% of length/-0.0,
Whichever is greater)
Conductor material
TC (tinned copper)
Features
■Male M12 powerfast Receptacle
■M12, Male, Receptacle, Rear-mount, T-
Code, 4-pin
■Mounting thread: M16 × 1.5
Contact assignment
Connector A
Circuit Diagram


Similar Part No. - FSFD46PT-2/M16

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
FSFD46PT-0.5/M16 TURCK-FSFD46PT-0.5/M16 Datasheet
1Mb / 3P
M12 Power Receptacle – Rear Mount
01/17/2024
FSFD46PT-1/M16 TURCK-FSFD46PT-1/M16 Datasheet
1Mb / 3P
M12 Power Receptacle – Rear Mount
01/17/2024
More results

Similar Description - FSFD46PT-2/M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITHC030A18PW GLENAIR-ITHC030A18PW Datasheet
191Kb / 2P
Rear Box Mount Receptacle
880-004R GLENAIR-880-004R Datasheet
597Kb / 2P
Rear Panel Mount Receptacle
ITS-901-00-2 GLENAIR-ITS-901-00-2 Datasheet
237Kb / 2P
Front and Rear Mount Receptacle
ITS-901-00-3 GLENAIR-ITS-901-00-3 Datasheet
232Kb / 2P
Front and Rear Mount Receptacle
logo
TE Connectivity Ltd
C-2232331 TEC-C-2232331 Datasheet
367Kb / 1P
REAR PANEL MOUNT PCB CONNECTOR M12 X-CODE
logo
Alpha Wire
ACR ALPHAWIRE-ACR Datasheet
194Kb / 2P
M12-A Female Rear Mount PG9 Receptacle
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
M12-A Male Rear Mount PG9 Receptacle
logo
NorComp
858-004-103RLUY NORCOMP-858-004-103RLUY Datasheet
69Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT(REAR)-4POSITION
03-07-16
logo
Bel Fuse Inc.
CT120016 BEL-CT120016 Datasheet
166Kb / 1P
M12 X-Code, Vertical, Rear Mount PCB Receptacle
Rev. A0
CT120017 BEL-CT120017 Datasheet
204Kb / 1P
M12 X-Code, Right Angle, Rear Mount PCB Receptacle
Rev. A0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com