Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSF-RKF-57/22 Datasheet(PDF) 1 Page - Turck, Inc.

Part # RSF-RKF-57/22
Description  DeviceNet™ Receptacle Panel Feed-through
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSF-RKF-57/22 Datasheet(HTML) 1 Page - Turck, Inc.

  RSF-RKF-57/22 Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 1
DeviceNet™ Receptacle
Panel Feed-through
RSF RKF 57/22
Type
RSF RKF 57/22
ID
U2309-6
Connector A
Male, 7/8″-16 UN, Straight
Number of contacts
5
Connector body
Metal, CuZn, nickel-plated
Housing material/finish
Brass, CuZn, Nickel-plated
Mounting orientation
Front mount
Panel seal
Gasket
Mounting thread
7/8″-16 UN
Locknut
Brass, CuZn, Nickel-plated
Connector B
Female, 7/8″-16 UN
Number of contacts
5
Housing material/finish
Brass, CuZn, Nickel-plated
Mounting type
Rear mount
Panel seal
Gasket
Mounting Thread B
7/8″-16 UN
Locknut
Brass, CuZn, Nickel-plated
Cable data
Fieldbus
DeviceNet
Electrical properties at +20 °C
Rated voltage
600VV
Current
9AA
Mechanical and chemical properties
Ambient temperature range (static)
-40°C…+105°C°C
Note
- We reserve the right to make technical alterations
without prior notice.
■ Male 7/8″ minifast Receptacle
■ Female 7/8″ minifast Receptacle
■ Design: 7/8" adapter
■ 5-pin feedthrough male/female
■ For use in CAN (DeviceNet, CANopen) ap-
plications
■ Ampacity: 9 A
■ Rated voltage: 600 V
■ Temperature range: -40 °C…+105 °C
■ Protection class: NEMA 1, 3, 4 and IEC
IP67
Circuit Diagram


Similar Part No. - RSF-RKF-57/22

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RSF-RKF-50/22 TURCK-RSF-RKF-50/22 Datasheet
1Mb / 2P
Actuator and Sensor Receptacle – Panel Feed-through
06/07/2023
More results

Similar Description - RSF-RKF-57/22

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-32-064-0001 HARTING-09-32-064-0001 Datasheet
525Kb / 2P
Han 64EEE panel feed through
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
ST-8ES1N8ACK04S - Panel feed-through
1618402 PHOENIX-1618402 Datasheet
581Kb / 12P
ST-3EP1N8ACK02S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618782 PHOENIX-1618782 Datasheet
583Kb / 12P
ST-6ES1N8ACK04S - Panel feed-through
1618785 PHOENIX-1618785 Datasheet
583Kb / 12P
ST-7ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
1618772 PHOENIX-1618772 Datasheet
577Kb / 12P
ST-5ES1N8ACK02S - Panel feed-through
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com