Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5M20TG042T1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # A5M20TG042T1
Description  Airfast Power Amplifier Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5M20TG042T1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button A5M20TG042T1 Datasheet HTML 9Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 10Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 11Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 12Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 13Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 14Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 15Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 16Page - NXP Semiconductors A5M20TG042T1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
NXP Semiconductors
A5M20TG042
Airfast Power Amplifier Module
A5M20TG042
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2024
13 / 21
Figure 6. Package outline (20 mm × 16 mm) — bottom view
Note: Vias on the bottom of the package are part of the substrate design and do not impact attachment of the package to the printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com