Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-3528CGCKT Datasheet(PDF) 12 Page - Kingbright Corporation

Part # KA-3528CGCKT
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528CGCKT Datasheet(HTML) 12 Page - Kingbright Corporation

Back Button KA-3528CGCKT Datasheet HTML 8Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 9Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 10Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 11Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 12Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 13Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 14Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 15Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 16Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
SMD LED
18
SMD LED
19
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPTB-1612ESGC
GaAsP/GaP
625
water clear
4
15
120°
1.6mm x 1.25mm x 0.65mm (0605 Bi-Color)
GaP
568
4
15
KPTB-1612SURKCGKC
AlGaInP
630
water clear
70
220
120°
AlGaInP
570
18
50
KPTB-1612SURKQBDC
AlGaInP
630
water clear
70
220
120°
InGaN
470
36
90
KPTB-1612SYKCGKC
AlGaInP
590
water clear
50
150
120°
AlGaInP
570
18
50
KPTB-1612QBDSEKC
InGaN
470
water clear
36
90
120°
AlGaInP
601
70
240
KPTB-1615ESGC
GaAsP/GaP
625
water clear
4
15
120°
1.6mm x 1.5mm x 0.7mm (0606 Bi-Color)
GaP
568
4
15
KPTB-1615SURKSGC
AlGaInP
630
water clear
70
220
120°
GaP
568
4
15
KPTB-1615SURKCGKC
AlGaInP
630
water clear
70
220
120°
AlGaInP
570
18
50
KPTB-1615SURKQBDC
AlGaInP
630
water clear
70
220
120°
InGaN
470
36
90
KPTB-1615YSGC
GaAsP/GaP
588
water clear
2.6
8
120°
GaP
568
4
15
KPTB-1615SYKCGKC
AlGaInP
590
water clear
50
150
120°
AlGaInP
570
18
50
KPTB-1615SGNC
GaP
568
water clear
4
15
120°
GaAsP/GaP
610
4
15
KPHBM-2012SURKCGKC
AlGaInP
630
water clear
70
220
120°
2.0mm x 1.25mm x 0.45mm (Bi-Color)
AlGaInP
570
18
50
KPHBM-2012CGKSEKC
AlGaInP
570
water clear
18
50
120°
AlGaInP
601
110
250
KPHBM-2012QBDSURKC
InGaN
470
water clear
36
90
120°
AlGaInP
630
70
220
KPHBM-2012QBDCGKC
InGaN
470
water clear
36
90
120°
AlGaInP
570
18
50
NOTE:
1.KP series custom-made is available upon request.
MULTI-COLOR SMD LED
KPTB-1612
KPTB-1615
KPHBM-2012
Units : mm(inch)
Tolerance : ±0.2(0.008)
Units : mm(inch)
Tolerance : ±0.1(0.004)
Units : mm(inch)
Tolerance : ±0.2(0.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com