Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFOF-500M-ROLLE Datasheet(PDF) 1 Page - Turck, Inc.

Part # SFOF-500M-ROLLE
Description  IP-Link Optical Fiber PUR Cable Jacket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

SFOF-500M-ROLLE Datasheet(HTML) 1 Page - Turck, Inc.

  SFOF-500M-ROLLE Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 1
IP-Link Optical Fiber
PUR Cable Jacket
SFOF-500M-ROLLE
Type
SFOF-500M-ROLLE
ID
6611086
Cable diameter
Ø 5.5mm
Length (L)
500 m
Cable jacket
PUR, Orange
Bending radius (trailing application)
Ø 55mm, ï2Mil. cycles
Qualified for drag chain use
yes
Oil-resistant
yes
Halogen-free
yes
■ POF optical fiber for IP-Link
■ Fiber core PMMA 980 µm
■ Fiber insulation PE 2.2 mm
■ PUR jacket, 5.5 mm
■ Muting (650 nm) < 190 dB/km
■ Muting (660 nm) < 290 dB/km
■ Numeric aperture 0.5
■ Qualified for drag chain use
■ Flame-retardant
■ Halogen-free acc. to IEC60754
■ Excellent resistance to oil, grease, acids
and alkaline solutions
■ Cable length: 500 m
Functional principle
The photoelectric sensor for IP-Link is a pre-
moulded polymer optical fiber (POF) for the
modular fieldbus I/O system piconet.
The possibilities for industrial application
range from static installations in cable ducts,
pipes and racks up to dynamic installations
such as dragchains.
The preassembled IP-Link fiber-optic cable to-
gether with the IP-Link socket of the piconet
coupling and extension modules are a quali-
fied IP67, shock and vibration tested combina-
tion.


Similar Part No. - SFOF-500M-ROLLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFO-41(T)-187N(- ETC2-SFO-41(T)-187N(- Datasheet
232Kb / 8P
Crimping tools and machines
SFO-41-187N ETC1-SFO-41-187N Datasheet
254Kb / 7P
TERMINAL
SFO-41-187N-8 ETC1-SFO-41-187N-8 Datasheet
254Kb / 7P
TERMINAL
SFO-41T-187N ETC1-SFO-41T-187N Datasheet
254Kb / 7P
TERMINAL
SFO-41T-187N-8 ETC1-SFO-41T-187N-8 Datasheet
254Kb / 7P
TERMINAL
More results

Similar Description - SFOF-500M-ROLLE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYYZ AVAGO-HFBR-RXXYYYZ Datasheet
160Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
AFBR-TUS500Z AVAGO-AFBR-TUS500Z Datasheet
263Kb / 3P
Transparent Jacket Plastic Optical Fiber
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com