Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13191 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 13191
Description  2.4 GHz ISM Band Low Power Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13191 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
Freescale Semiconductor
13
8
GPIO41
Digital Input/ Output General Purpose Input/Output 4.
See Footnote 1
9
GPIO31
Digital Input/ Output General Purpose Input/Output 3.
See Footnote 1
10
GPIO21
Digital Input/ Output General Purpose Input/Output 2. When gpio_alt_en, Register
9, Bit 7 = 1, GPIO2 functions as a “CRC Valid” indicator.
See Footnote 1
11
GPIO11
Digital Input/ Output General Purpose Input/Output 1. When gpio_alt_en, Register
9, Bit 7 = 1, GPIO1 functions as an “Out of Idle” indicator.
See Footnote 1
12
RST
Digital Input
Active Low Reset. While held low, the IC is in Off Mode and all
internal information is lost from RAM and SPI registers. When
high, IC goes to IDLE Mode, with SPI in default state.
13
RXTXEN2
Digital Input
Active High. Low to high transition initiates RX or TX sequence
depending on SPI setting. Should be taken high after SPI
programming to start RX or TX sequence and should be held
high through the sequence. After sequence is complete,
return RXTXEN to low. When held low, forces Idle Mode.
See Footnote 2
14
ATTN2
Digital Input
Active Low Attention. Transitions IC from either Hibernate or
Doze Modes to Idle.
See Footnote 2
15
CLKO
Digital Output
Clock output to host MCU. Programmable frequencies of:
16 MHz, 8 MHz, 4 MHz, 2 MHz, 1 MHz, 62.5 kHz, 32.786+ kHz
(default), and 16.393+ kHz.
16
SPICLK2
Digital Clock Input
External clock input for the SPI interface.
See Footnote 2
17
MOSI2
Digital Input
Master Out/Slave In. Dedicated SPI data input.
See Footnote 2
18
MISO3
Digital Output
Master In/Slave Out. Dedicated SPI data output.
See Footnote 3
19
CE2
Digital Input
Active Low Chip Enable. Enables SPI transfers.
See Footnote 2
20
IRQ
Digital Output
Active Low Interrupt Request.
Open drain device.
Programmable 40 kΩ
internal pull-up.
Interrupt can be
serviced every 6 µs
with <20 pF load.
Optional external
pull-up must be >4 kΩ.
21
VDDD
Power Output
Digital regulated supply bypass.
Decouple to ground.
22
VDDINT
Power Input
Digital interface supply & digital regulator input. Connect to
Battery.
2.0 to 3.4 V. Decouple
to ground.
23
GPIO51
Digital Input/Output General Purpose Input/Output 5.
See Footnote 1
24
GPIO61
Digital Input/Output General Purpose Input/Output 6.
See Footnote 1
25
GPIO71
Digital Input/Output General Purpose Input/Output 7.
See Footnote 1
26
XTAL1
Input
Crystal Reference oscillator input.
Connect to 16 MHz
crystal and load
capacitor.
Table 8. Pin Function Description (continued)
Pin # Pin Name
Type
Description
Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com