Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP7104F3C Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP7104F3C
Description  T-1 (3mm) INFRARED EMITTING DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104F3C Datasheet(HTML) 2 Page - Kingbright Corporation

  WP7104F3C Datasheet HTML 1Page - Kingbright Corporation WP7104F3C Datasheet HTML 2Page - Kingbright Corporation WP7104F3C Datasheet HTML 3Page - Kingbright Corporation WP7104F3C Datasheet HTML 4Page - Kingbright Corporation WP7104F3C Datasheet HTML 5Page - Kingbright Corporation WP7104F3C Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF2297
REV NO: V.2
DATE: MAY/21/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101008144
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. * Luminous intensity with asterisk is measured at 50mA;Radiant Intensity/ luminous flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Po (mW/sr) [2]
@ 20mA *50mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP7104F3C
F3 (GaAs)
WATER CLEAR
7
30
*
18
*
80
34
°
Parameter
P/N
Symbol
Typ.
Max.
Units
Test Conditions
Forward Voltage [1]
F3
VF
1.2
1.6
V
IF=20mA
Reverse Current
F3
IR
10
uA
VR = 5V
Capacitance
F3
C
90
pF
VF=0V;f=1MHz
Peak Spectral Wavelength
F3
λP
940
nm
IF=20mA
Spectral Bandwidth
F3
Δλ1/2
50
nm
IF=20mA
Parameter
Symbol
F3
Units
Power dissipation
PT
80
mW
DC Forward Current
IF
50
mA
Peak Forward Current [1]
iFS
1.2
A
Reverse Voltage
VR
5
V
Operating Temperature
TA
-40 To +85
°
C
Storage Temperature
TSTG
-40 To +85
°
C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com