Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33291L Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33291L
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33291L Datasheet HTML 17Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 18Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 19Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 20Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 21Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 22Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 23Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 24Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33291L
FUNCTIONAL DESCRIPTION
conducted with the device mounted on a typical PC board
placed horizontally in a 33 cubic inch still air enclosure. The
PC board was made of FR4 material measuring 2.5 by
2.5 inches, having double-sided circuit traces of 1.0 ounce
copper soldered to each device pin. The board temperature
was measured with thermal couple soldered to the board
surface one inch away from the center of the device. The
ambient temperature of the enclosure was measured with a
second thermal couple located over the center of one inch
distance from device.
THERMAL PERFORMANCE
Figure 21 illustrates the worst case thermal component
parameters values for the 33291L in the 24-lead SOIC wide
body surface mount package. Pins 5, 6, 7, 8, 17, 18, 19, and
20 of the package were connected directly to the lead frame
flag. The parameter values indicated take into account
adjacent output combinations. The characterization was
conducted over power dissipation levels of 0.7 W to 17 W.
The junction-to-ambient temperature resistance was found to
be 40°C/W with a single output active (34°C/W with all
outputs dissipating equal power 0 and the thermal resistance
from junction-to-PC board (Rjunction-board) to be 30°C/W
(board temperature, measure one inch from device center).
The junction-to-heatsink lead resistance was found again to
approximate 10°C/W. Devoting additional PC board metal
around the heatsinking pins for this package improved the
Rpkg from 33° to 31°C/W.
The total power dissipation available is dependent on the
number of outputs enabled at any one time. At 25°C the
RDS(ON) in 450 mΩ with a coefficient of 6500 ppm/°C. For the
junction temperature to remain below 150°C, the maximum
available power dissipation must decrease as the ambient
temperature increases. Figure 24 depicts the per output limit
of current at ambient temperatures necessary when one,
four, or eight outputs are enable ON. Figure 23 illustrates
how the RDS(ON) output value is affected by junction
temperature.
Figure 21. Thermal Model (Electrical Equivalent)
Junction Temperature Node
VD - TD (C°)
(Volts represent Die Surface Temperature)
IPWR (Steady State or Transient)
(1.0 A = 1.0 W of Device Power Dissipation)
Flag Temperature Node
Ambient Temperature Node
VA = TA (C°)
(1.0 V = 1°C Ambient Temperature)
Cpkg = Cflag + CPC Board
Rpkg = Rleads + RPC Board
Output 0
Output 1
Output 2
Output 6
Output 7
Rd0
Rd1
Rd2
Rd6
Rd7
Cd0
Cd1
Cd2
Cd6
Cd7
Package
Rdx
(
Ω)*
Cdx
(F)*
Rpkg
(
Ω)*
Cpkg
(F)*
24-Lead
7.0
0.002
33
0.15
*
Ω = °C/W, F = W s/°C, I
PWR = W, and VA = °C
SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com