Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33395 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33395
Description  Three-Phase Gate Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33395 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33395 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33395 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33395
TYPICAL APPLICATIONS
OPERATIONAL MODES
TYPICAL APPLICATIONS
Figure 5. Typical Application Diagram
LSE3
LSE2
LSE1
CP1L
CP1H
CP2L
HSE2
HSE1
AGND
VDD
PWM
MODE1
MODE0
HSE3
-ISENS
+ISENS
SRC1
VIGNP
VGDH
VIGN
CPRES
CP2H
GDL1
GDH1
GDL3
GDH3
SRC3
GDL2
GDH2
SRC2
TEST
PGND
6
5
4
3
2
1
8
7
14
13
12
11
10
9
16
15
27
28
29
30
31
32
25
26
19
20
21
22
23
24
17
18
MCU
+
-
LS3
LS2
LS1
HS1
HS2
HS3
5.0 V
12 V
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com