Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33399 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33399
Description  Local Interconnect Network (LIN) Physical Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33399 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33399 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33399 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33399
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSIS FEATURES
PROTECTION AND DIAGNOSIS FEATURES
ELECTROSTATIC DISCHARGE (ESD)
The 33399 has two Human Body Model ESD values. All
pins can handle ±4.0 kV. The LIN bus pin, with respect to
ground, can handle ±5.0 kV.
ELECTROMAGNETIC COMPATIBILITY
RADIATED EMISSION ON LIN BUS OUTPUT LINE
Radiated emission level on the LIN bus output line is
internally limited and reduced by active slew rate control of
the output bus driver. Figure 11 shows the results in the
frequency range 100 kHz to 2.0 MHz.
ELECTROMAGNETIC IMMUNITY (EMI)
On the LIN bus pin, the 33399 offers high EMI level from
external disturbance occurring at the LIN bus pin in order to
guarantee communication during external disturbance.
On the WAKE input pin, an internal filter is implemented to
reduce false wake-up during external disturbance.
NOISE FILTERING
Noise filtering is used to protect the electronic module
against illegal wake-up spikes on the bus. Integrated receiver
filters suppress any high-frequency (HF) noise induced into
the bus wires. The cut-off frequency of these filters is a
compromise between propagation delay and HF
suppression.
Figure 11. Radiated Emission in Normal Mode
Table 5. Explanation of Operational and Transitional Modes State Diagram
Operational/
Transitional
LIN
INH
EN
TXD
RXD
Sleep Mode
Recessive state, driver off.
20
µA pullup current source.
LOW
LOW
X
High impedance.
Awake
Recessive state, driver off.
HIGH
LOW
X
LOW.
Normal Mode
Driver active. 30 k
Ω pullup active.
HIGH
HIGH
LOW to drive LIN bus in
dominant.
HIGH to drive LIN bus in
recessive.
Report LIN bus level:
• LOW LIN bus dominant
• HIGH LIN bus recessive
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com